Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012E4R7MT Datasheet(PDF) 6 Page - TDK Electronics

Part # MLZ2012E4R7MT
Description  Inductors for Decoupling Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012E4R7MT Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLZ2012E4R7MT Datasheet HTML 2Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 3Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 4Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 5Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 6Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 7Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 8Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 9Page - TDK Electronics MLZ2012E4R7MT Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
• All specifications are subject to change without notice.
(5/10)
002-06 / 20120514 / e533_mlz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value). The maximum operating temperature at this time is 105°C.
• Test equipment
Inductance: Ag-4294A+16034G
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Classification
Part No.
Inductance
(µH)
Inductance
tolerance
Test
frequency
L (MHz)
Test
current
L (mA)
Self-resonant
frequency
(MHz)typ.
DC
resistance
(
 )±30%
Rated
current1
(mA)
Rated
current2
(mA)
High frequency
type
MLZ1608DR10DT
0.10
±20%
25
1.0
600
0.14
700
850
MLZ1608DR22DT
0.22
±20%
25
1.0
400
0.27
550
600
MLZ1608DR47DT
0.47
±20%
25
1.0
260
0.42
400
500
IDC-UP
type
MLZ1608A1R0WT
1.00
±20%
10
1.0
170
0.15
190
600
MLZ1608A2R2WT
2.20
±20%
10
1.0
120
0.25
130
500
MLZ1608M4R7WT
4.70
±20%
2
0.1
80
0.50
120
350
MLZ1608M100WT
10.0
±20%
2
0.1
50
1.05
90
250
MLZ1608M220WT
22.0
±20%
2
0.1
38
2.40
55
150
Low-resistance
type
MLZ1608N1R0LT
1.00
±20%
2
0.1
170
0.11
140
700
MLZ1608N2R2LT
2.20
±20%
2
0.1
120
0.18
110
500
MLZ1608N4R7LT
4.70
±20%
2
0.1
80
0.32
80
400
MLZ1608N100LT
10.0
±20%
2
0.1
50
0.60
60
300
1.6
±0.15
0.3
±0.2
0.3
±0.2
Weight: 4mg
0.8
0.6
0.6
Dimensions in mm
E4991A+16192A
0.01
0.1
1
10
1
10
100
1000
Frequency(MHz)
R47D
R10D
E4991A+16192A
0.01
0.1
1
100
10
1
10
100
1000
Frequency(MHz)
100W
2R2W
E4991A+16192A
0.01
0.1
1
100
10
1
10
100
1000
Frequency(MHz)
100L
2R2L
E4991A+16192A
1
10
100
1000
10000
1
10
100
1000
Frequency(MHz)
R47D
R10D
E4991A+16192A
1
10
100
1000
10000
1
10
100
1000
Frequency(MHz)
100W
2R2W
E4991A+16192A
1
10
100
1000
10000
1
10
100
1000
Frequency(MHz)
100W
2R2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com