Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012 Datasheet(PDF) 9 Page - TDK Electronics

Part # MLZ2012
Description  Inductors for Decoupling Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012 Datasheet(HTML) 9 Page - TDK Electronics

Back Button MLZ2012 Datasheet HTML 3Page - TDK Electronics MLZ2012 Datasheet HTML 4Page - TDK Electronics MLZ2012 Datasheet HTML 5Page - TDK Electronics MLZ2012 Datasheet HTML 6Page - TDK Electronics MLZ2012 Datasheet HTML 7Page - TDK Electronics MLZ2012 Datasheet HTML 8Page - TDK Electronics MLZ2012 Datasheet HTML 9Page - TDK Electronics MLZ2012 Datasheet HTML 10Page - TDK Electronics MLZ2012 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
• All specifications are subject to change without notice.
002-06 / 20120514 / e533_mlz
(8/10)
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value). The maximum operating temperature at this time is 105°C.
• Test equipment
Inductance: Ag4294A-16034G
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
Classification
Part No.
Inductance
(µH)
Inductance
tolerance
Thickness
(mm)
Test
frequency
L (MHz)
Test
current
L (mA)
Self-resonant
frequency
(MHz)typ.
DC
resistance
(
 )±30%
Rated
current1
(mA)
Rated
current2
(mA)
High frequency
type
MLZ2012DR10DT
0.10
±20%
0.85
25
1.0
500
0.07
1000
1150
MLZ2012DR22DT
0.22
±20%
0.85
25
1.0
330
0.13
800
900
MLZ2012DR47DT
0.47
±20%
1.25
25
1.0
230
0.18
550
700
IDC-UP
type
MLZ2012A1R0WT
1.00
±20%
0.85
10
1.0
160
0.10
280
900
MLZ2012A1R5WT
1.50
±20%
0.85
10
1.0
140
0.13
250
750
MLZ2012A2R2WT
2.20
±20%
0.85
10
1.0
120
0.15
210
650
MLZ2012A3R3WT
3.30
±20%
0.85
10
1.0
90
0.34
200
450
MLZ2012M4R7WT
4.70
±20%
0.85
2
0.1
70
0.30
180
500
MLZ2012M6R8WT
6.80
±20%
1.25
2
0.1
60
0.40
160
400
MLZ2012M100WT
10.0
±20%
1.25
2
0.1
50
0.47
150
350
MLZ2012M150WT
15.0
±20%
1.25
2
0.1
40
0.95
120
250
MLZ2012M220WT
22.0
±20%
1.25
2
0.1
35
2.00
60
220
MLZ2012M330WT
33.0
±20%
1.25
2
0.1
28
2.60
55
190
MLZ2012M470WT
47.0
±20%
1.25
2
0.1
20
3.70
50
170
Low-resistance
type
MLZ2012N1R0LT
1.00
±20%
0.85
2
0.1
160
0.06
220
1150
MLZ2012N1R5LT
1.50
±20%
0.85
2
0.1
140
0.10
190
900
MLZ2012N2R2LT
2.20
±20%
0.85
2
0.1
120
0.12
170
800
MLZ2012N3R3LT
3.30
±20%
0.85
2
0.1
90
0.15
130
750
MLZ2012N4R7LT
4.70
±20%
0.85
2
0.1
70
0.18
130
600
MLZ2012N6R8LT
6.80
±20%
0.85
2
0.1
60
0.25
110
550
MLZ2012N100LT
10.0
±20%
1.25
2
0.1
50
0.30
110
500
MLZ2012N150LT
15.0
±20%
1.25
2
0.1
40
0.47
90
350
MLZ2012N220LT
22.0
±20%
1.25
2
0.1
40
0.67
70
300
MLZ2012N101LT
100.0
±20%
1.25
2
0.1
12
3.50
30
140
0.5±0.3
0.5±0.3
2.0±0.2
T(Thickness)
0.85±0.2
1.25±0.2
Weight(mg)
10
14
1.0
0.8
0.8
Dimensions in mm
0.01
0.1
10
1
1
10
100
1000
Frequency(MHz)
R47
R10
E4991A+16192
0.01
0.1
1000
10
100
1
1
10
100
1000
Frequency(MHz)
470W
100W
2R2W
E4991A+16192
0.01
0.1
100
10
1
1
10
100
1000
Frequency(MHz)
100L
2R2L
4R7L
E4991A+16192



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com