Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012 Datasheet(PDF) 11 Page - TDK Electronics

Part # MLZ2012
Description  Inductors for Decoupling Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012 Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLZ2012 Datasheet HTML 3Page - TDK Electronics MLZ2012 Datasheet HTML 4Page - TDK Electronics MLZ2012 Datasheet HTML 5Page - TDK Electronics MLZ2012 Datasheet HTML 6Page - TDK Electronics MLZ2012 Datasheet HTML 7Page - TDK Electronics MLZ2012 Datasheet HTML 8Page - TDK Electronics MLZ2012 Datasheet HTML 9Page - TDK Electronics MLZ2012 Datasheet HTML 10Page - TDK Electronics MLZ2012 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
• All specifications are subject to change without notice.
002-06 / 20120514 / e533_mlz
(10/10)
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
1.1max.
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
Cavity
1.5
±0.2
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm
t=0.85mm
t=1.25mm
0.3max.
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
0.5min.
Cavity
1.5max.
1.5
±0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com