Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP80N10T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP80N10T
Description  TrenchMVTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP80N10T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP80N10T Datasheet HTML 1Page - IXYS Corporation IXTP80N10T Datasheet HTML 2Page - IXYS Corporation IXTP80N10T Datasheet HTML 3Page - IXYS Corporation IXTP80N10T Datasheet HTML 4Page - IXYS Corporation IXTP80N10T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXTA80N10T
IXTP80N10T
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. On through-kole packages R
DS(on) Kelvin test contact location
must be 5 mm or less from the package body.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
33
55
S
C
iss
3040
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
420
pF
C
rss
90
pF
t
d(on)
31
ns
t
r
54
ns
t
d(off)
40
ns
t
f
48
ns
Q
g(on)
60
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 25A
21
nC
Q
gd
15
nC
R
thJC
0.65
°C/W
R
thCS
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
80
A
I
SM
Repetitive, Pulse Width Limited by T
JM
220
A
V
SD
I
F = 25A, VGS = 0V, Note 1
1.1
V
t
rr
100
ns
I
F = 25A, -di/dt = 100A/μs
V
R = 50V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 10A
R
G = 15Ω (External)
TO-220 (IXTP) Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-263 (IXTA) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005
1. Gate
2. Drain
3. Source



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com