Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP80N10T Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP80N10T
Description  TrenchMVTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP80N10T Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP80N10T Datasheet HTML 1Page - IXYS Corporation IXTP80N10T Datasheet HTML 2Page - IXYS Corporation IXTP80N10T Datasheet HTML 3Page - IXYS Corporation IXTP80N10T Datasheet HTML 4Page - IXYS Corporation IXTP80N10T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXTA80N10T
IXTP80N10T
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
0
20406080
100
120
140
160
ID - Amperes
TJ = - 40ºC
25ºC
150ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
40
80
120
160
200
240
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
60
QG - NanoCoulombs
VDS = 50V
I D = 25A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Maximum Transient Thermal Impedance
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com