Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH88N30P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH88N30P
Description  PolarHTTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH88N30P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH88N30P Datasheet HTML 1Page - IXYS Corporation IXTH88N30P Datasheet HTML 2Page - IXYS Corporation IXTH88N30P Datasheet HTML 3Page - IXYS Corporation IXTH88N30P Datasheet HTML 4Page - IXYS Corporation IXTH88N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXTH 88N30P IXTK 88N30P
IXTQ 88N30P IXTT 88N30P
Fig. 7. Input Adm ittance
0
20
40
60
80
100
120
140
160
4
4.5
5
5.5
6
6.5
7
7.5
8
VG S - Volts
TJ = 125ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100 120 140 160 180
I D - Amperes
T
J = -40ºC
25ºC
125ºC
Fig. 3. Output Characte ris tics
@ 125
ºC
0
10
20
30
40
50
60
70
80
90
0
123456789
V D S - Volts
VGS = 10V
9V
8V
5V
6V
7V
Fig. 4. RDS(on
) No r m aliz e d to 0.5 ID25
V alue vs . Junction Te m pe rature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 88A
I
D = 44A
V
GS = 10V
Fig. 6. Drain Curre nt vs . Cas e
Te m pe rature
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
External Lead C urrent Lim it
Fig. 5. RDS(on) Norm alize d to
0.5 ID25 Value vs . ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
0
20
40
60
80
100 120 140 160 180 200
I D - Amperes
T
J = 125ºC
T
J = 25ºC
V
GS = 10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com