Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH88N30P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH88N30P
Description  PolarHTTM Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH88N30P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH88N30P Datasheet HTML 1Page - IXYS Corporation IXTH88N30P Datasheet HTML 2Page - IXYS Corporation IXTH88N30P Datasheet HTML 3Page - IXYS Corporation IXTH88N30P Datasheet HTML 4Page - IXYS Corporation IXTH88N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 88N30P IXTK 88N30P
IXTQ 88N30P IXTT 88N30P
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
Q G - nanoCoulombs
V
DS = 150V
I
D = 44A
I
G = 10mA
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
40
80
120
160
200
240
280
0.4
0.6
0.8
1
1.2
1.4
1.6
VS D - Volts
T
J = 125ºC
T
J = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
1000
10
100
1000
VD S - Volts
100µs
1ms
DC
TJ = 150ºC
TC = 25ºC
RDS(on) Limit
10ms
25µs
Fig. 13. Maximum Transient Thermal Resistance
0.01
0.10
1.00
1
10
100
1000
Pulse Width - milliseconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com