Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT5P03HD Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMFT5P03HD
Description  TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT5P03HD Datasheet(HTML) 4 Page - Motorola, Inc

  MMFT5P03HD Datasheet HTML 1Page - Motorola, Inc MMFT5P03HD Datasheet HTML 2Page - Motorola, Inc MMFT5P03HD Datasheet HTML 3Page - Motorola, Inc MMFT5P03HD Datasheet HTML 4Page - Motorola, Inc MMFT5P03HD Datasheet HTML 5Page - Motorola, Inc MMFT5P03HD Datasheet HTML 6Page - Motorola, Inc MMFT5P03HD Datasheet HTML 7Page - Motorola, Inc MMFT5P03HD Datasheet HTML 8Page - Motorola, Inc MMFT5P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMFT5P03HD
4
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
TJ, JUNCTION TEMPERATURE (°C)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
26
10
Figure 3. On–Resistance versus
Gate–To–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
00.1
1000
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–To–Source Leakage
Current versus Voltage
VDS ≥ 10 V
–55
°C
25
°C
ID = 4 A
04
8
– 50
– 25
0
25
50
75
100
125
150
0
6
12
30
VGS = 0 V
TJ = 125°C
TJ = 25°C
VGS = 4.5 V
100
18
100
°C
48
6
2
10 V
8
6
4
2
0
TJ = 100°C
0.3
0.2
0.1
0
0.3
0.2
0
8
6
4
2
0
23
2.5
4
3.5
4.5
0.1
0
0.5
1
2
1.5
VGS = 10 V
ID = 2 A
TJ = 25°C
8 V
0
0.4
0.8
1.6
1.2
2
TJ = 25°C
3.1 V
VGS = 10 V
3.5 V
4.5 V
3.7 V
3.9 V
4.1 V
4.3 V
2.7 V
10
6 V
3.3 V
10
37
5
1
24
0.1
1
10
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com