Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT5P03HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMFT5P03HD
Description  TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT5P03HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMFT5P03HD Datasheet HTML 1Page - Motorola, Inc MMFT5P03HD Datasheet HTML 2Page - Motorola, Inc MMFT5P03HD Datasheet HTML 3Page - Motorola, Inc MMFT5P03HD Datasheet HTML 4Page - Motorola, Inc MMFT5P03HD Datasheet HTML 5Page - Motorola, Inc MMFT5P03HD Datasheet HTML 6Page - Motorola, Inc MMFT5P03HD Datasheet HTML 7Page - Motorola, Inc MMFT5P03HD Datasheet HTML 8Page - Motorola, Inc MMFT5P03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS P-Channel
Field Effect Transistor
MMFT5P03HD is an advanced power MOSFET which utilizes
Motorola’s High Cell Density HDTMOS process. This miniature
surface mount MOSFET features ultra low RDS(on) and true logic
level performance. It is capable of withstanding high energy in the
avalanche and commutation modes and the drain–to–source diode
has a very low reverse recovery time. MMFT5P03HD devices are
designed for use in low voltage, high speed switching applications
where power efficiency is important. Typical applications are dc–dc
converters, and power management in portable and battery
powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor
controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends
Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SOT–223 Surface Mount Package — Saves Board
Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
DEVICE MARKING
ORDERING INFORMATION
5P03H
Device
Reel Size
Tape Width
Quantity
5P03H
MMFT5P03HDT3
13
″
12 mm embossed tape
4000 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Micro8 is a registered trademark of International
Rectifier. Thermal Clad is a trademark of the Bergquist Company.
REV 2
Order this document
by MMFT5P03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
CASE 318E–04, Style 3
TO–261AA
MMFT5P03HD
TMOS MEDIUM
POWER FET
5.2 AMPERES
30 VOLTS
RDS(on) = 100 mΩ
Motorola Preferred Device
™
D
S
G
1
2, 4
3
1
3
2
4


Similar Part No. - MMFT5P03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT5P03HD ONSEMI-MMFT5P03HD Datasheet
112Kb / 12P
Power MOSFET 5 Amps, 30 Volts
November, 2000 ??Rev. 3
logo
Motorola, Inc
MMFT5P03HDT3 MOTOROLA-MMFT5P03HDT3 Datasheet
198Kb / 12P
TMOS P-CHANNEL FIELD FEECT TRANSISTOR
logo
ON Semiconductor
MMFT5P03HDT3 ONSEMI-MMFT5P03HDT3 Datasheet
112Kb / 12P
Power MOSFET 5 Amps, 30 Volts
November, 2000 ??Rev. 3
More results

Similar Description - MMFT5P03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
TMOS POWER FET 2.0 AMPERES 250 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
TMOS POWER 6.0 AMPERES 30 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
TMOS POWER FET 33 AMPERES 100 VOLTS
MTB50P03HDL MOTOROLA-MTB50P03HDL Datasheet
182Kb / 12P
TMOS POWER FET LOGIC LEVEL 50 AMPERES 30 VOLTS
MTD1302 MOTOROLA-MTD1302 Datasheet
205Kb / 12P
TMOS POWER FET 20 AMPERES 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com