Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535B Datasheet(PDF) 13 Page - Analog Devices

Part # AD5535B
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535B Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5535B Datasheet HTML 8Page - Analog Devices AD5535B Datasheet HTML 9Page - Analog Devices AD5535B Datasheet HTML 10Page - Analog Devices AD5535B Datasheet HTML 11Page - Analog Devices AD5535B Datasheet HTML 12Page - Analog Devices AD5535B Datasheet HTML 13Page - Analog Devices AD5535B Datasheet HTML 14Page - Analog Devices AD5535B Datasheet HTML 15Page - Analog Devices AD5535B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD5535B
Rev. A | Page 13 of 16
AD5535B-to-MC68HC11 Interface
The serial peripheral interface (SPI) on the MC68HC11 is
configured for master mode (MSTR = 1), clock polarity bit (CPOL)
= 0, and clock phase bit (CPHA) = 1. The SPI is configured by
writing to the SPI control register (SPCR). SCK of the MC68HC11
drives the SCLK of the AD5535B and the MOSI output drives
the serial data line (DIN) of the AD5535B. The SYNC signal is
derived from a port line (PC7). When data is being transmitted
to the AD5535B, the SYNC pin is taken low (PC7).
Data appearing on the MOSI output is valid on the falling edge
of SCK. The MC68HC11 transfers only eight bits of data during
each serial transfer operation; therefore, three consecutive write
operations are necessary to transmit 19 bits of data. Data is
transmitted MSB first. It is important to left justify the data in
the SPDR register so that the first 19 bits transmitted contain
valid data. PC7 must be pulled low to start a transfer. PC7 is then
taken high and pulled low again before any further write cycles
can take place. Figure 17 shows the connection diagram.
Figure 17. AD5535B-to-MC68HC11 Interface
AD5535B-to-PIC16C6x/7x Interface
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit = 0. This is done by
writing to the synchronous serial port control register (SSPCON).
In this example, I/O port RA1 is being used to pulse SYNC and
to enable the serial port of the AD5535B. This microcontroller
transfers only eight bits of data during each serial transfer
operation; therefore, three consecutive write operations are
necessary to transmit 19 bits of data. Data is transmitted MSB
first. It is important to left justify the data in the SPDR register
so that the first 19 bits transmitted contain valid data. RA1 must
be pulled low to start a transfer. RA1 must then be brought high
and pulled low again before any further write cycles can take
place. Figure 18 shows the connection diagram.
Figure 18. AD5535B-to-PIC16C6x/7x Interface
AD5535B-to-8051 Interface
The AD5535B requires a clock synchronized to the serial data.
Therefore, the 8051 serial interface must operate in Mode 0. In
this mode, serial data exits the 8051 through RxD, and a shift
clock is output on TxD. The SYNC signal is derived from a port
line (P1.1). Figure 19 shows how the 8051 is connected to the
AD5535B. Because the AD5535B shifts data out upon the rising
edge of the shift clock and latches data in upon the falling edge,
the shift clock must be inverted. Note that the AD5535B also
requires its data to be MSB first. Because the 8051 outputs LSB
first, the transmit routine must take this into account.
Figure 19. AD5535B-to-8051 Interface
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5535B*
MC68HC11*
SCLK
DIN
SYNC
SCK
MOSI
PC7
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5535B*
PIC16C6x/7x*
SCLK
DIN
SYNC
SCK/RC3
SDI/RC4
RA1
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5535B*
8051*
SCLK
DIN
SYNC
TxD
RxD
P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com