Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5689R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5689R
Description  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5689R Datasheet HTML 17Page - Analog Devices AD5689R Datasheet HTML 18Page - Analog Devices AD5689R Datasheet HTML 19Page - Analog Devices AD5689R Datasheet HTML 20Page - Analog Devices AD5689R Datasheet HTML 21Page - Analog Devices AD5689R Datasheet HTML 22Page - Analog Devices AD5689R Datasheet HTML 23Page - Analog Devices AD5689R Datasheet HTML 24Page - Analog Devices AD5689R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD5689R/AD5687R
Data Sheet
Rev. 0 | Page 21 of 28
STANDALONE OPERATION
The write sequence begins by bringing the SYNC line low. Data
from the SDIN line is clocked into the 24-bit input shift register
on the falling edge of SCLK. After the last of 24 data bits is clocked
in, SYNC is brought high. The programmed function is then
executed; that is, an LDAC-dependent change in DAC register
contents and/or a change in the mode of operation occurs.
If SYNC is taken high at a clock before the 24th clock, it is
considered a valid frame and invalid data may be loaded to the
DAC. SYNC must be brought high for a minimum of 20 ns
(single channel, see t8 in Figure 2) before the next write
sequence so that a falling edge of SYNC can initiate the next
write sequence. Idle SYNC at the rails between write sequences
for an even lower power operation of the part. The SYNC line is
kept low for 24 falling edges of SCLK, and the DAC is updated
on the rising edge of SYNC.
When the data has been transferred into the input register of
the addressed DAC, both DAC registers and outputs can be
updated by taking LDAC low while the SYNC line is high.
WRITE AND UPDATE COMMANDS
Write to Input Register n (Dependent on LDAC)
Command 0001 allows the user to write to the dedicated input
register of each DAC individually. When LDAC is low, the input
register is transparent (if not controlled by the LDAC mask
register).
Update DAC Register n with Contents of Input Register n
Command 0010 loads the DAC registers/outputs with the
contents of the input registers selected and updates the DAC
outputs directly.
Write to and Update DAC Channel n (Independent of LDAC)
Command 0011 allows the user to write to the DAC registers
and update the DAC outputs directly.
DAISY-CHAIN OPERATION
For systems that contain several DACs, the SDO pin can be
used to daisy-chain several devices together. SDO is enabled
through a software executable daisy-chain enable (DCEN)
command. Command 1000 is reserved for this DCEN function
(see Table 9). Daisy-chain mode is enabled by setting Bit DB0 in
the DCEN register. The default setting is standalone mode,
where DB0 (LSB) = 0. Table 10 shows how the state of the bit
corresponds to the mode of operation of the device.
Table 10. Daisy-Chain Enable (DCEN) Register
DB0 (LSB)
Description
0
Standalone mode (default)
1
DCEN mode
Figure 46. Daisy-Chaining Multiple AD5689R/AD5687R Devices
The SCLK pin is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied, the
data ripples out of the input shift register and appears on the
SDO line. This data is clocked out on the rising edge of SCLK
and is valid on the falling edge. By connecting this line to the
SDIN input on the next DAC in the chain, a daisy-chain interface
is constructed. Each DAC in the system requires 24 clock pulses.
Therefore, the total number of clock cycles must equal 24 × N,
where N is the total number of devices that are updated. If SYNC
is taken high at a clock that is not a multiple of 24, it is considered
a valid frame, and invalid data may be loaded to the DAC. When
the serial transfer to all devices is complete, SYNC is taken high.
This latches the input data in each device in the daisy chain and
prevents any further data from being clocked into the input shift
register. The serial clock can be continuous or a gated clock. A
continuous SCLK source can be used only if SYNC can be held
low for the correct number of clock cycles. In gated clock mode,
a burst clock containing the exact number of clock cycles must
be used, and SYNC must be taken high after the final clock to latch
the data.
68HC11*
MISO
SDIN
SCLK
MOSI
SCK
PC7
PC6
SDO
SCLK
SDO
SCLK
SDO
SDIN
SDIN
SYNC
SYNC
SYNC
LDAC
LDAC
LDAC
AD5689R/
AD5687R
AD5689R/
AD5687R
AD5689R/
AD5687R
*ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com