Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5303
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5303 Datasheet HTML 16Page - Analog Devices ADL5303 Datasheet HTML 17Page - Analog Devices ADL5303 Datasheet HTML 18Page - Analog Devices ADL5303 Datasheet HTML 19Page - Analog Devices ADL5303 Datasheet HTML 20Page - Analog Devices ADL5303 Datasheet HTML 21Page - Analog Devices ADL5303 Datasheet HTML 22Page - Analog Devices ADL5303 Datasheet HTML 23Page - Analog Devices ADL5303 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 21 of 24
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.65
1.50 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT TO JEDEC STANDARDS MO-220-WEED-6.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 34. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad
(CP-16-27)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
Branding
Ordering
Quantity
ADL5303ACPZ-R2
−40°C to +85°C
16-Lead LFCSP_WQ
CP-16-27
H38
250
ADL5303ACPZ-R7
−40°C to +85°C
16-Lead LFCSP_WQ, 7”Tape and Reel
CP-16-27
H38
1500
ADL5303ACPZ-RL
−40°C to +85°C
16-Lead LFCSP_WQ, 13”Tape and Reel
CP-16-27
H38
5000
ADL5303-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com