Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5303 Datasheet (PDF) - Analog Devices

ADL5303 Datasheet PDF - Analog Devices
Part # ADL5303
Download  ADL5303 Download
File Size   468.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter

ADL5303 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5303 Datasheet PDF - Analog Devices

Part # ADL5303
Download  ADL5303 Click to download

File Size   468.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter

ADL5303 Datasheet (HTML) - Analog Devices


ADL5303 Product details

GENERAL DESCRIPTION

The ADL5303is a monolithic logarithmic detector optimized for the measurement of low frequency signal power in fiber optic systems and offers a large dynamic range in a versatile and easily used form. Wide measurement range and accuracy are achieved using proprietary design and precise laser trimming.



FEATURES

Optimized for fiber optic photodiode interfacing

8 full decades of range

Law conformance: 0.1 dB from 1 nA to 1 mA

Single-supply operation: 3.0 V to 5.5 V

Complete and temperature stable

Accurate laser trimmed scaling

Logarithmic slope of 10 mV/dB (at the VLOG pin)

Basic logarithmic intercept at 100 pA

Easy adjustment of slope and intercept

Output bandwidth of 10 MHz, 15 V/μs slew rate

Miniature 16-lead package (LFCSP)

Low power: ~4.5 mA quiescent current (enabled)



APPLICATIONS

High accuracy optical power measurement

Wide range baseband log compression

Versatile detector for APC loops




Similar Part No. - ADL5303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5304 AD-ADL5304 Datasheet
934Kb / 32P
High Speed, 200 dB Range
REV. 0
ADL5304 AD-ADL5304 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304-EVALZ AD-ADL5304-EVALZ Datasheet
934Kb / 32P
High Speed, 200 dB Range
REV. 0
ADL5304-EVALZ AD-ADL5304-EVALZ Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5304ACPZ-R2 AD-ADL5304ACPZ-R2 Datasheet
934Kb / 32P
High Speed, 200 dB Range
REV. 0
More results


Similar Description - ADL5303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com