Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5308 Datasheet (PDF) - Analog Devices

ADL5308 Datasheet PDF - Analog Devices
Part # ADL5308
Download  ADL5308 Download
File Size   1180.39 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter

ADL5308 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5308 Datasheet PDF - Analog Devices

Part # ADL5308
Download  ADL5308 Click to download

File Size   1180.39 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter

ADL5308 Datasheet (HTML) - Analog Devices


ADL5308 Product details

GENERAL DESCRIPTION
The ADL5308 is a logarithmic transimpedance amplifier optimized
for wide dynamic range signal level monitoring in fiber optic systems.
It produces an accurate, temperature-compensated output voltage
proportional to the logarithm of the ratio between the input current
at pin INP, and a reference current. The reference current can
either be generated internally or externally provided through the
IREF interface (LOG-ratio detection). The logarithmic slope and
intercept are both accurately trimmed to a nominal value of 200
mV/decade and 10 pA respectively.
The low-impedance VLOG logarithmic output has enough drive
capability to drive a wide range of analog-to-digital converters
(ADCs) and other circuits and its gain can be adjusted by adding a
resistor-divider driving the FB pin.
A built-in fast comparator provides a compact solution to compare
the logarithmic output to an external reference level, either programmed
through I2C or supplied through the CREF interface. The
comparator has adjustable hysteresis and an optional output latch
function using the HYST pin.
Adaptive photodiode (PD) biasing is supported through the PDB
pin. At a low diode current, the reverse PD bias is kept small to
minimize the dark current. At higher input currents, the bias voltage
scales linearly with the current to avoid nonlinearity due to PD
saturation. The starting bias level as well as the scale factor at
higher currents are configurable through I2C.

FEATURES
► Fast transient response (IPD stepped from 220 μA to 10 nA)
► Rise/fall time: <2.4 μs
► 2 dB Electrical (1 dB optical) settling time: <3.5 μs
► Flat Frequency Response/No Undershoot
► Bandwidth: 970 kHz at IINP = 10 nA
► Accurately trimmed logarithmic response
► Logarithmic slope: 200 mV/dec
► Logarithmic conformance error: ±0.2 dB at 25°C (IINP from 10
nA to 1 mA)
► Ratio input for direct optical gain measurements
► Comparator with adjustable hysteresis and latch enable
► I2C adjustable
► Adaptive photodiode bias
► Comparator reference level
► Minimal external components are required
► 34 dB PSRR at 20 kHz and IINP = 10 nA
► 2 mm × 3 mm, 14-terminal LGA package

APPLICATIONS
► Optical power monitoring
► Erbium-doped fiber amplifiers (EDFA)




Similar Part No. - ADL5308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5303-EVALZ AD-ADL5303-EVALZ Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5303ACPZ-R2 AD-ADL5303ACPZ-R2 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5303ACPZ-R7 AD-ADL5303ACPZ-R7 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
ADL5303ACPZ-RL AD-ADL5303ACPZ-RL Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
More results


Similar Description - ADL5308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5304 AD-ADL5304_16 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com