Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP196ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP196ACPZN-R7
Description  5 V, 3 A, Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP196ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP196ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP196
Data Sheet
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted.
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
0.2V
1.0V
3.0V
5.5V
Figure 5. RDSON vs. Temperature, IOUT = 50 mA, Different Input Voltages (VIN)
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
0.2V
1.0V
3.0V
5.5V
Figure 6. RDSON vs. Temperature, IOUT = 3 A, Different Input Voltages (VIN)
0
0.005
0.010
0.015
0.020
0.025
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
50mA
100mA
200mA
500mA
1000mA
3000mA
Figure 7. RDSON vs. Input Voltage (VIN), Different Load Currents
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
VIN (V)
50mA
100mA
200mA
500mA
1000mA
3000mA
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 8. Voltage Drop vs. Input Voltage (VIN), Different Load Currents
0
5
10
15
20
25
30
35
40
45
50
–40
–5
25
55
85
TEMPERATURE (°C)
100mA
200mA
500mA
1000mA
3000mA
Figure 9. Ground Current vs. Temperature, Different Load Currents,
VIN = 1.8 V
0
5
10
15
20
25
30
35
40
45
50
–40
–5
25
55
85
TEMPERATURE (°C)
100mA
200mA
500mA
1000mA
3000mA
Figure 10. Ground Current vs. Temperature, Different Load Currents,
VIN = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com