Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP196ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP196ACPZN-R7
Description  5 V, 3 A, Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP196ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP196ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP196ACPZN-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADP196
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
A
B
C
0.675
0.595
0.515
0.380
0.355
0.330
0.270
0.240
0.210
1.000
0.950
0.900
1.500
1.450
1.400
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.345
0.295
0.245
1.00
REF
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 BSC
COPLANARITY
0.075
Figure 28. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-2)
Dimensions shown in millimeters
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
6
1
4
3
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.65 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.15 REF
2.10
2.00 SQ
1.90
0.20 MIN
Figure 29. 6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2.00 mm × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-6-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADP196ACBZ-R7
−40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-2
AW
ADP196ACPZN-R7
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
CP-6-3
AW
ADP196ACBZ-01-R7
−40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP],
Quick Output Discharge Option
CB-6-2
BK
ADP196ACPZN-01-R7
−40°C to +85°C
6-Lead Lead Frame Chip Scale Package [LFCSP_UD],
Quick Output Discharge Option
CP-6-3
BK
ADP196CP-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10704-0-3/13(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com