Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD3C4M2P Datasheet(PDF) 6 Page - Dialight Corporation

Part # LSD3C4M2P
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4M2P Datasheet(HTML) 6 Page - Dialight Corporation

  LSD3C4M2P Datasheet HTML 1Page - Dialight Corporation LSD3C4M2P Datasheet HTML 2Page - Dialight Corporation LSD3C4M2P Datasheet HTML 3Page - Dialight Corporation LSD3C4M2P Datasheet HTML 4Page - Dialight Corporation LSD3C4M2P Datasheet HTML 5Page - Dialight Corporation LSD3C4M2P Datasheet HTML 6Page - Dialight Corporation LSD3C4M2P Datasheet HTML 7Page - Dialight Corporation LSD3C4M2P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SafeSite
® LED Linear Fixture
1Part Number
Length
Class I,
Div 1
Class I
Div 2
Class II,
Div 1
Class II,
Div 2
Class III,
Div 1
Class III,
Div 2
Voltage
Lens
Initial
Fixture
Lumens
1
Watt
Lumens
Per Watt
Class I, Div 2
LSD3C4M2PHE
4'
A / B / C / D
F / G
100 - 277V AC
Clear
7,000
67
104
LSD3C4M2P
4'
A / B / C / D
F / G
100 - 277V AC
Clear
7,250
78
93
LSD3C4H2D
4'
A / B / C / D
F / G
100 - 277V AC
Diffused
5,600
78
72
LSD3C5M2P
4'
A / B / C / D
F / G
347 - 480V AC
Clear
7,250
78
93
LSD3C5H2D
4'
A / B / C / D
F / G
347 - 480V AC
Diffused
5,600
78
72
LSD3C4D2PHE
2'
A / B / C / D
F / G
100 - 277V AC
Clear
3,500
34
103
LSD3C4D2P
2'
A / B / C / D
F / G
100 - 277V AC
Clear
3,600
39
92
LSD3C4B2D
2'
A / B / C / D
F / G
100 - 277V AC
Diffused
2,800
39
72
LSD3C5D2P
2'
A / B / C / D
F / G
347 - 480V AC
Clear
3,600
39
92
LSD3C5B2D
2'
A / B / C / D
F / G
347 - 480V AC
Diffused
2,800
39
72
LSF3C4D2P
2'
A / B / C / D
E / F / G
F / G
•
•
100 - 277V AC
Clear
3,600
39
92
LSF3C4M2P
4'
A / B / C / D
E / F / G
F / G
•
•
100 - 277V AC
Clear
7,250
78
93
LSF3C5D2P
2'
A / B / C / D
E / F / G
F / G
•
•
347 - 480V AC
Clear
3,600
39
92
LSF3C5M2P
4'
A / B / C / D
E / F / G
F / G
•
•
347 - 480V AC
Clear
7,250
78
93
Class i, Div 2 Battery Backup Version
2LSD3C4MEP
4'
A / B / C / D
F/G
100 - 277V AC
Clear
7,250
85
85
Part Number
Length
Class I,
Div 1
Class I
Div 2
Class II,
Div 1
Class II,
Div 2
Class III,
Div 1
Class III,
Div 2
Voltage
Lens
Initial
Fixture
Lumens
1
Watt
Lumens
Per Watt
Class I, Div 1
LSC3C4M3GEX
4’
•
100 - 277V AC
Clear
7,250
78
93
LSC3C5M3GEX
4’
•
347 - 480V AC
Clear
7,250
78
93
LSC3C4D3GEX
2’
•
100 - 277V AC
Clear
3,600
39
92
LSC3C5D3GEX
2’
•
347 - 480V AC
Clear
3,600
39
92
Add one of the following suffixes to the above Part Numbers for factory sealed and installed 10’
cabe and cable gland:
• GS added for installed on one of the side entries (shown to the left)
• GT added for installed on the top entry (not shown)
Ex. LSD3C4D2P becomes LSD3C4D2PGS
Add one of the following suffixes to the above Part Numbers for factory sealed and installed 10'
cable and 3/4" conduit fitting.:
• CT added for installed on the top entry (shown to the left)
• CS added for installed on one the side entries (not shown)
Ex. LSD3C4D2P becomes LSD3C4D2PCT
Notes:
1Part numbers listed in the above table are cool white. For neutral white version replace the 5th character with N. Ex. LSD3C4D2P becomes LSD3N4D2P
2450 Lumens in battery backup mode
Class 1 Div. 2 Wiring Configurations (Optional)
Class 1 Div. 2 Ording Information
Class 1 Div. 1 Ording Information
www.dialight.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com