Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD3C4M2P Datasheet(PDF) 7 Page - Dialight Corporation

Part # LSD3C4M2P
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4M2P Datasheet(HTML) 7 Page - Dialight Corporation

  LSD3C4M2P Datasheet HTML 1Page - Dialight Corporation LSD3C4M2P Datasheet HTML 2Page - Dialight Corporation LSD3C4M2P Datasheet HTML 3Page - Dialight Corporation LSD3C4M2P Datasheet HTML 4Page - Dialight Corporation LSD3C4M2P Datasheet HTML 5Page - Dialight Corporation LSD3C4M2P Datasheet HTML 6Page - Dialight Corporation LSD3C4M2P Datasheet HTML 7Page - Dialight Corporation LSD3C4M2P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SafeSite
® LED Linear Fixture
Options and Accessories
Part Number
Description
Kit Includes
Class I, Div. 2 and Class i, Div 2 Battery Backup
LSXW4
Mounting bracket
Can be angled at 0°, 30°, 45°, 60° & 90°
Mounting bracket
Mounting hardware
LSXENDCAPKIT
Chain mount brackets
2 Mounting brackets
Mounting hardware
LSXBATREP1
Replacement Battery Kit
(for Battery Backup version only)
Batteries
Wiring
Connector
Class I, Div 1
LSXW5
Mounting bracket
Can be angled at 0°, 30°, 45°, 60° & 90°
Mounting bracket
Mounting hardware
All Models
HZXSTAN100S
1.00" Slip-Fit Stanchion Mount Junction Box
Junction box
Mounting hardware
HZXSTAN125S
1.25" Slip-Fit Stanchion Mount Junction Box
HZXSTAN150S
1.50" Slip-Fit Stanchion Mount Junction Box
HZXSTAN200S
2.00" Slip-Fit Stanchion Mount Junction Box
HZXSTAN100T
1.00" NPT Threaded Stanchion Mount Junction Box
HZXSTAN125T
1.25" NPT Threaded Stanchion Mount Junction Box
HZXSTAN150T
1.50" NPT Threaded Stanchion Mount Junction Box
HZXSTAN200T
2.00" NPT Threaded Stanchion Mount Junction Box
HZXSAFEKIT
Safety Cable Kit
2 Eyelets
2 53” Safety cables
Mounting hardware
www.dialight.com
MDTFSLINX001_D
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this
document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFSLINX001.pdf
Warranty Statement: EXCEPT FOR THE WARRANTY EXPRESSLY PROVIDED FOR [HEREIN/ABOVE/BELOW], DIALIGHT DISCLAIMS ANY AND ALL OTHER WARRANTIES, EXPRESS OR
IMPLIED, INCLUDING, WITHOUT LIMITATION, ANY WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND NONINFRINGEMENT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com