Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301T1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMSD301T1
Description  SOD-123 Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSD301T1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMSD301T1 Datasheet HTML 1Page - Motorola, Inc MMSD301T1 Datasheet HTML 2Page - Motorola, Inc MMSD301T1 Datasheet HTML 3Page - Motorola, Inc MMSD301T1 Datasheet HTML 4Page - Motorola, Inc MMSD301T1 Datasheet HTML 5Page - Motorola, Inc MMSD301T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
SOD-123 Schottky Barrier Diodes
The MMSD301T1, and MMSD701T1 devices are spin–offs of our popular
MMBD301LT1, and MMBD701LT1 SOT–23 devices. They are designed for
high–efficiency UHF and VHF detector applications. Readily available to many other
fast switching RF and digital applications.
• Extremely Low Minority Carrier Lifetime
• Very Low Capacitance
• Low Reverse Leakage
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MMSD301T1
MMSD701T1
VR
30
70
Vdc
Forward Power Dissipation
TA = 25°C
PF
225
mW
Junction Temperature
TJ
– 55 to +125
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
DEVICE MARKING
MMSD301T1 = XT, MMSD701T1 = XH
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 µA)
MMSD301T1
MMSD701T1
V(BR)R
30
70
—
—
—
—
Volts
Diode Capacitance
(VR = 0, f = 1.0 MHz, Note 1)
MMSD301T1
MMSD701T1
CT
—
—
0.9
0.5
1.5
1.0
pF
Total Capacitance
(VR = 15 Volts, f = 1.0 MHz)
MMSD301T1
(VR = 20 Volts, f = 1.0 MHz)
MMSD701T1
CT
—
—
0.9
0.5
1.5
1.0
pF
Reverse Leakage
(VR = 25 V)
MMSD301T1
(VR = 35 V)
MMSD701T1
IR
—
—
13
9.0
200
200
nAdc
nAdc
Forward Voltage
(IF = 1.0 mAdc)
MMSD301T1
(IF = 10 mA)
(IF = 1.0 mAdc)
MMSD701T1
(IF = 10 mA)
VF
—
—
—
—
0.38
0.52
0.42
0.7
0.45
0.6
0.5
1.0
Vdc
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMSD301T1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMSD301T1
MMSD701T1
CASE 425–04, STYLE 1
SOD–123
1
2
Motorola Preferred Devices
1
Cathode
2
Anode
© Motorola, Inc. 1997
replaces MMSD101T1/D


Similar Part No. - MMSD301T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSD301T1 ONSEMI-MMSD301T1 Datasheet
54Kb / 8P
SOD-123 Schottky Barrier Diodes
September, 2001 ??Rev. 2
MMSD301T1 ONSEMI-MMSD301T1 Datasheet
132Kb / 5P
SOD-123 Schottky Barrier Diodes
October, 2010 -- Rev. 5
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
132Kb / 5P
SOD-123 Schottky Barrier Diodes
October, 2010 -- Rev. 5
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
143Kb / 5P
SOD-123 Schottky Barrier Diodes
November, 2011 ??Rev. 6
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
217Kb / 6P
SOD-123 Schottky Barrier Diodes
August, 2020 - Rev. 7
More results

Similar Description - MMSD301T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSD301T1 ONSEMI-MMSD301T1 Datasheet
54Kb / 8P
SOD-123 Schottky Barrier Diodes
September, 2001 ??Rev. 2
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
132Kb / 5P
SOD-123 Schottky Barrier Diodes
October, 2010 -- Rev. 5
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
SOD-123 Plastic-Encapsulate Diodes
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
SOD-123 Plastic-Encapsulate Schottky Barrier Diode
logo
ON Semiconductor
MMSD301T1G ONSEMI-MMSD301T1G_11 Datasheet
143Kb / 5P
SOD-123 Schottky Barrier Diodes
November, 2011 ??Rev. 6
logo
Jiangsu High diode Semi...
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com