Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301T1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMSD301T1
Description  SOD-123 Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSD301T1 Datasheet(HTML) 3 Page - Motorola, Inc

  MMSD301T1 Datasheet HTML 1Page - Motorola, Inc MMSD301T1 Datasheet HTML 2Page - Motorola, Inc MMSD301T1 Datasheet HTML 3Page - Motorola, Inc MMSD301T1 Datasheet HTML 4Page - Motorola, Inc MMSD301T1 Datasheet HTML 5Page - Motorola, Inc MMSD301T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMSD301T1 MMSD701T1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL CHARACTERISTICS
MMSD701T1
Figure 5. Total Capacitance
Figure 6. Minority Carrier Lifetime
Figure 7. Reverse Leakage
Figure 8. Forward Voltage
VR, REVERSE VOLTAGE (VOLTS)
IF, FORWARD CURRENT (mA)
VR, REVERSE VOLTAGE (VOLTS)
VF, FORWARD VOLTAGE (VOLTS)
KRAKAUER METHOD
f = 1.0 MHz
0.2
0.4
0.8
1.2
1.6
2.0
0
102030
40
10
1.0
0.1
0.01
0.001
020
40
60
500
0
80
100
0
5.0
10
15
20
25
35
50
40
45
30
2.0
1.6
1.2
0.8
0
100
10
1.0
0.1
50
10
30
50
70
90
400
300
200
100
0.4
TA = – 40°C
TA = 85°C
TA = 25°C
TA = 100°C
TA = 75°C
TA = 25°C
MMSD701T1
MMSD701T1
MMSD701T1
MMSD701T1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com