Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 4 Page - Semtech Corporation

  SC220 Datasheet HTML 1Page - Semtech Corporation SC220 Datasheet HTML 2Page - Semtech Corporation SC220 Datasheet HTML 3Page - Semtech Corporation SC220 Datasheet HTML 4Page - Semtech Corporation SC220 Datasheet HTML 5Page - Semtech Corporation SC220 Datasheet HTML 6Page - Semtech Corporation SC220 Datasheet HTML 7Page - Semtech Corporation SC220 Datasheet HTML 8Page - Semtech Corporation SC220 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SC220 x
SC220Q
Parameter
Symbol
Condition
Min
Typ
Max
Units
Feedback Leakage Current
I
FB

µA
ENABLE
EN Input High Voltage Threshold
V
ENH
.2
V
EN Input “Low”Voltage Threshold
V
ENL
0.4
V
EN Input High Current
I
ENH
V
EN= VIN
-.0
.0
µA
EN Input Low Current
I
ENL
V
EN= AGND
-.0
.0
µA
Minimum Synchronization Frequency
f
SYN_MIN
Square wave applied at EN pin
3
MHz
PROTECTION
Over Temp Thermal Shutdown()
T
OT
50
°C
Thermal Shutdown Hysteresis()
T
HYST
5
°C
Notes
() Guaranteed by design. Not tested in production.
Electrical Characteristics (continued)
Unless otherwise specified: AVIN=PVIN = 3.6V, EN = AVIN = PVIN, C
IN=COUT =.0μF, L=220nH. TA = 25°C for typical values, -40°C < TA = TJ < 85°C for
minimum and maximum values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com