Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC220 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC220
Description  20MHz, 650mA, X-EMI??Enabled Synchronous Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC220 Datasheet(HTML) 2 Page - Semtech Corporation

  SC220 Datasheet HTML 1Page - Semtech Corporation SC220 Datasheet HTML 2Page - Semtech Corporation SC220 Datasheet HTML 3Page - Semtech Corporation SC220 Datasheet HTML 4Page - Semtech Corporation SC220 Datasheet HTML 5Page - Semtech Corporation SC220 Datasheet HTML 6Page - Semtech Corporation SC220 Datasheet HTML 7Page - Semtech Corporation SC220 Datasheet HTML 8Page - Semtech Corporation SC220 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SC220 x
SC220Q
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC220STRT ()(2)
SOIC 8 Lead
SC220QSTRT ()(2)(3)
SOIC 8 Lead
SC220EVB
Evaluation Board
SC220QEVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 2,500 devices.
(2) Device is lead-free, halogen-free, and RoHS/WEEE compliant.
(3) Device is AEC-Q00 qualified.
xxxxx = Sem tech Lot N um ber
nnnnn= Part N um ber
yyw w = D ate code
SC220
yyww
xxxxx
PG ND
AG ND
AVIN
FB
EN
SW
VO UT
PVIN
1
2
3
4
8
7
6
5
SOIC 8 Lead, θ
JA = 38 °C/W
xxxxx = Sem tech Lot N um ber
nnnnnn= Part N um ber
yyw w = D ate code
SC220Q
yyww
xxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com