Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT373CPC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT373CPC
Description  Octal Transparent Latch with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373CPC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT373CPC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics
(SOIC Package)
Note 5: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output at Low. Guaranteed, but not tested.
Note 6: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
Note 7: Max number of data inputs (n) switching. n
 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
AC Electrical Characteristics
(SOIC and SSOP Packages)
AC Operating Requirements
(SOIC and SSOP Packages)
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
0.4
0.8
V
5.0
TA 25qC (Note 5)
VOLV
Quiet Output Minimum Dynamic VOL
1.2
0.8
V
5.0
TA 25qC (Note 5)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.5
3.0
V
5.0
TA 25qC (Note 6)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.7
V
5.0
TA 25qC (Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
0.9
0.6
V
5.0
TA 25qC (Note 7)
Symbol
Parameter
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
Units
VCC 5.0V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.9
2.7
4.5
1.0
6.8
1.9
4.5
ns
tPHL
Dn to On
1.9
2.8
4.5
1.0
7.0
1.9
4.5
tPLH
Propagation Delay
2.0
3.1
5.0
1.0
7.7
2.0
5.0
ns
tPHL
LE to On
2.0
3.0
5.0
1.5
7.7
2.0
5.0
tPZH
Output Enable Time
1.5
3.1
5.3
1.0
6.7
1.5
5.3
ns
tPZL
1.5
3.1
5.3
1.5
7.2
1.5
5.3
tPHZ
Output Disable Time
2.0
3.6
5.4
1.7
8.0
2.0
5.4
ns
tPLZ
2.0
3.4
5.4
1.0
7.0
2.0
5.4
Symbol
Parameter
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
Units
VCC 5.0V
VCC 4.5V to 5.5V
VCC 4.5V to 5.5V
CL 50 pF
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
Min
Max
fTOGGLE
Max Toggle Frequency
100
100
MHz
tS(H)
Setup Time, HIGH
1.5
2.5
1.5
ns
tS(L)
or LOW Dn to LE
1.5
2.5
1.5
tH(H)
Hold Time, HIGH
1.0
2.5
1.0
ns
tH(L)
or LOW Dn to LE
1.0
2.5
1.0
tW(H)
Pulse Width,
3.0
3.3
3.0
ns
LE HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com