Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT373CPC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT373CPC
Description  Octal Transparent Latch with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373CPC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT373CPC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373CPC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011547
www.fairchildsemi.com
January 1993
Revised March 2005
74ABT373
Octal Transparent Latch with 3-STATE Outputs
General Description
The ABT373 consists of eight latches with 3-STATE out-
puts for bus organized system applications. The flip-flops
appear transparent to the data when Latch Enable (LE) is
HIGH. When LE is LOW, the data that meets the setup
times is latched. Data appears on the bus when the Output
Enable (OE) is LOW. When OE is HIGH the bus output is in
the high impedance state.
Features
s 3-STATE outputs for bus interfacing
s Output sink capability of 64 mA, source capability of
32 mA
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and 250 pF
loads
s Guaranteed simultaneous switching, noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down
s Nondestructive hot insertion capability
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74ABT373CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT373CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT373CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT373CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT373CPC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input (Active HIGH)
OE
Output Enable Input (Active LOW)
O0–O7
3-STATE Latch Outputs


Similar Part No. - 74ABT373CPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ABT373CPCQB NSC-74ABT373CPCQB Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
74ABT373CPCX NSC-74ABT373CPCX Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 74ABT373CPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
Octal Transparent Latch with 3-STATE Outputs
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com