Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4573 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4573
Description  7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4573 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4573 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4573 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4573 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole
Spacing
Configuration
Connector
7/16 DIN Female
Connector Specification
IEC 169-4
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 7.5
Impedance, Ohms
50
Maximum Operating Voltage, Volts
2,700
Dielectric Withstanding Voltage, Vrms
4,000
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.976 [24.79]
Width/Dia., in [mm]
1.25 [31.75]
Height, in [mm]
1.25 [31.75]
.
Weight, lbs [g]
0.199 [90.26]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Phosphor Bronze, Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch
Hole Spacing PE4573
PE4573
PE4573 REV
7/16 DIN Female Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .975 inch Hole Spacing


Similar Part No. - PE4573

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4573 PASTERNACK-PE4573 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4573 PASTERNACK-PE4573_16 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
More results

Similar Description - PE4573

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4012 PASTERNACK-PE4012 Datasheet
238Kb / 2P
UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4574 PASTERNACK-PE4574 Datasheet
254Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44394 PASTERNACK-PE44394 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4573 PASTERNACK-PE4573_16 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com