Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2512S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CSM2512S
Description  Technology High Precision, Current Sensing, Power Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM2512S Datasheet(HTML) 2 Page - Vishay Siliconix

  CSM2512S Datasheet HTML 1Page - Vishay Siliconix CSM2512S Datasheet HTML 2Page - Vishay Siliconix CSM2512S Datasheet HTML 3Page - Vishay Siliconix CSM2512S Datasheet HTML 4Page - Vishay Siliconix CSM2512S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CSM2512S
Vishay Foil Resistors
www.vishayfoilresistors.com
For any questions, contact: foil@vishaypg.com
Document Number: 63145
2
Revision: 3-May-11
ABOUT CSM
(Low Ohm Value 10 m
Ω to 100 mΩ)
The CSM2512S series of low value current sense resistors
provides power and precision in a four terminal, surface
mount configuration. Its all welded construction is made up
of a Bulk Metal® resistive element with plated copper
terminations. For low value resistors in precision applications
it is necessary to use four-terminal Kelvin connections to
obtain a precise voltage drop across the resistive element.
In these applications, the contact resistance and the terminal
resistance may have the same order of magnitude or be
even greater than that of the element resistance itself. Thus,
significant error is introduced because the high temperature
coefficient of resistance of the leads and the contact
resistance
are
unavoidably
incorporated
into
the
measurements when the current sense resistor has only two
leads.
Because the ability to measure low values to tolerances of
0.1% or tighter is a concern to both the manufacturer and the
user, many situations require coordination of measurement
standards between both parties. Coordination is often
accomplished by exchange of serialized units with recorded
readings to align measurement practices and specific
reference standards. The problem is compounded when
high-precision current sensors under moderate to high
power experience self-heating (Joule effect) which causes
the in-service resistance value to be different from that
obtained using low current measurement equipment.
Therefore, the measurement conditions must be defined and
accepted at the time of spec preparation-that is, resistance
value as determined by specified current and measured
IR-drop following a specified period of stabilization.
Measurement equipment is available from a number of
sources with varying stated accuracies. Traditional passive
current sensors and shunts generate heat under power,
which changes their resistance, and thus their voltage
output. The CSM’s low absolute TCR reduces errors due to
temperature gradients, thus reducing a major source of
uncertainty in current measurement. The CSM can withstand
unconventional environmental conditions, including the
extremely
high
temperatures
and
radiation-rich
environments of down-hole oil exploration and well logging,
or the deep-sea underwater repeaters in cross-ocean
communications. The stability of the CSM can be further
enhanced by post-manufacturing operations (PMO), such as
temperature cycling, short-time overload, and accelerated
load life which are uniquely applicable to Bulk Metal® Foil
resistors. The device features a low thermal electromotive
force (EMF) that is critical in many precision applications.
Thermal EMF in DC applications induces a voltage offset in
the resistor that is equivalent to adding a small battery into
the circuit.
The CSM’s all-welded construction is a Bulk Metal® resistive
element with welded copper terminations, plated for
soldering. The terminations make a true continuous contact
with the resistive layer along the entire side of the resistive
element, thereby minimizing temperature variations. Also,
the resistor element is designed to uniformly dissipate power
without creating hot spots, and the welded terminations
material is compatible with the element material. These
design factors result in a very low thermal-EMF(<3 µV/°C)
resistor, because in addition to the low thermal EMF
compatibility of the metals, the uniformity and thermal
efficiency of the design minimizes the temperature
differential across the resistor, thereby assuring low thermal
EMF generation at the leads. This further reduces the
“battery effect” exhibited by most current-sensing or
voltage-reference resistors. Thus, the parasitic voltage
generated at the junction of two dissimilar metals, which is
especially important in low-value current-sensing resistors, is
minimized, while the pure current-to-voltage conversion is
protected from such interference in DC applications.
The stability problems associated with analog circuits are
very pervasive, but knowledgeable selection of a few
high-quality resistors, networks, or trimming potentiometers
in critical locations can greatly improve circuit performance,
long-term application-related performance, as well as the
designer’s peace-of-mind. Additionally, the overall system
cost is often reduced when a knowledgeable designer
concentrates costs in a few exceptionally stable components
with minimal deviation and whose load and environmental
stability can often eliminate the necessity of additional
compensating circuitry or temperature-controlling systems.
The higher reliability and better overall system performances
also achieve excellent product results in the field, enhancing
market acceptance and product reputation. Designers often
unnecessarily pay for tighter tolerances than required simply
to accommodate the resistance stability shifts they know to
be imminent in an application due to the large
application-related changes in the components they
selected. Selection of a high-stability component like the
CSM in these applications eliminates the need for shift
allowance due to “planned instability” and allows the use of
looser initial tolerances than would otherwise be necessary.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com