Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2512S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CSM2512S
Description  Technology High Precision, Current Sensing, Power Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM2512S Datasheet(HTML) 3 Page - Vishay Siliconix

  CSM2512S Datasheet HTML 1Page - Vishay Siliconix CSM2512S Datasheet HTML 2Page - Vishay Siliconix CSM2512S Datasheet HTML 3Page - Vishay Siliconix CSM2512S Datasheet HTML 4Page - Vishay Siliconix CSM2512S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CSM2512S
Vishay Foil Resistors
Document Number: 63145
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 3-May-11
3
Note
(1) White dots indicate top side of part for mounting purposes
FIGURE 2 - DIMENSIONS AND IMPRINTING
in inches (millimeters)
DIMENSIONS - TOLERANCES ± 0.010 (± 0.254), * ± 0.015 (± 0.381)
RESISTANCE RANGE (
Ω)L
W
H
T
A
B
0.01 to 0.1
0.250 (6.350)
0.125 (3.175)
0.025 (0.635)
0.030 (0.762)
0.030 (0.762)*
0.032 (0.813)*
LAND PATTERN DIMENSIONS - TOLERANCES ± 0.003 (± 0.076)
RESISTANCE RANGE (
Ω)l
b
e
a
c
d
0.01 to 0.1
0.160 (4.06)
0.145 (3.68)
0.055 (1.39)
0.065 (1.65)
0.045 (1.14)
0.021 (0.53)
CSM2512S DIMENSIONS
H
A
W
B
T
L
(1)
CSM2512S LAND PATTERN
Kelvin Connection
I1, I2 - Current
E1, E2 - Sense
e
I
a
d
c
b
E
1
E
2
I
1
I
2
TABLE 2 - CSM2512S PERFORMANCE SPECIFICATIONS
TEST
CONDITIONS
MIL-PRF-49465B
ΔR LIMITS
TYPICAL
ΔR
LIMITS
MAXIMUM
ΔR LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at
each extreme
± (0.5 % + 0.0005R)
0.1 %
0.2 %
Load Life Stability
2000 h, 70 °C at rated power
± (1.0 % + 0.0005R)
0.05 %
0.2 %
Bias Humidity
85 °C, 85 % humidity
10 % bias, 1000 h
± (0.5 % + 0.0005R)
0.05 %
0.2 %
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.0005R)
0.1 %
0.2 %
High Temperature Exposure
1000 h, 170 °C
± (1.0 % + 0.0005R)
0.2 %
0.3 %
Low Temperature Storage
MIL-PRF-49465
± (0.5 % + 0.0005R)
0.05 %
0.1 %
Moisture resistance
MIL-STD-202, method 106, 0 % power,
7a and 7b not required
± (0.5 % + 0.0005R)
0.02 %
0.05 %
Shock
100 g, 6 ms
± (0.1 % + 0.0005R)
0.02 %
0.05 %
Vibration
(10 Hz to 2000 Hz) 20 g
± (0.1 % + 0.0005R)
0.02 %
0.05 %
Resistance to Soldering Heat
10 s to 12 s at + 260 °C
± (0.25 % + 0.0005R)
0.05 %
0.1 %
Solderability
MIL-STD-202
95 % coverage
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com