Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8237ARMZ
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8237ARMZ Datasheet HTML 2Page - Analog Devices AD8237ARMZ Datasheet HTML 3Page - Analog Devices AD8237ARMZ Datasheet HTML 4Page - Analog Devices AD8237ARMZ Datasheet HTML 5Page - Analog Devices AD8237ARMZ Datasheet HTML 6Page - Analog Devices AD8237ARMZ Datasheet HTML 7Page - Analog Devices AD8237ARMZ Datasheet HTML 8Page - Analog Devices AD8237ARMZ Datasheet HTML 9Page - Analog Devices AD8237ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8237
Data Sheet
Rev. 0 | Page 6 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN2
G = 1 + (R2/R1)
Gain Range3
1
1000
V/V
Gain Error
V
OUT = 0.2 V to 1.6 V, G = 1 to G = 1000
0.005
%
Gain Error vs. V
CM
15
ppm/V
Gain vs. Temperature
T
A = −40°C to +125°C
0.5
ppm/°C
Gain Nonlinearity
V
OUT = 0.2 V to 1.6 V
G = 1, G = 10
3
ppm
G = 100
6
ppm
G = 1000
10
ppm
OUTPUT
Output Swing
R
L = 10 kΩ to Midsupply
T
A = +25°C
−V
S + 0.05
+V
S − 0.05
V
T
A = −40°C to 125°C
−V
S + 0.07
+V
S − 0.07
V
R
L = 100 kΩ to Midsupply
T
A = +25°C
−V
S + 0.02
+V
S − 0.02
V
T
A = −40°C to 125°C
−V
S + 0.03
+V
S − 0.03
V
Short-Circuit Current
4
mA
POWER SUPPLY
Operating Range
1.8
5.5
V
Quiescent Current
T
A = +25°C
115
130
µA
T
A = −40°C to +125°C
150
µA
TEMPERATURE RANGE
Specified
−40
+125
°C
1 Specifications apply to input voltages between 0 V and 1.8 V. When measuring voltages beyond the supplies, there is additional offset error, bias currents increase,
and input impedance decreases, especially at higher temperatures.
2 For G > 1, errors from the external resistors, R1 and R2, must be added to these specifications, including error from the FB pin bias current.
3 The AD8237 has only been characterized for gains of 1 to 1000; however, higher gains are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com