Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8237ARMZ
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8237ARMZ Datasheet HTML 18Page - Analog Devices AD8237ARMZ Datasheet HTML 19Page - Analog Devices AD8237ARMZ Datasheet HTML 20Page - Analog Devices AD8237ARMZ Datasheet HTML 21Page - Analog Devices AD8237ARMZ Datasheet HTML 22Page - Analog Devices AD8237ARMZ Datasheet HTML 23Page - Analog Devices AD8237ARMZ Datasheet HTML 24Page - Analog Devices AD8237ARMZ Datasheet HTML 25Page - Analog Devices AD8237ARMZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8237
Data Sheet
Rev. 0 | Page 22 of 28
INPUT PROTECTION
If no external protection is used, keep the inputs of the AD8237
within the voltages specified in the absolute maximum ratings. If the
application requires voltages beyond these ratings, input protection
resistors can be placed in series with the inputs of the AD8237 to
limit the current to 5 mA. For example, if +VS is 3 V and a 10 V
overload voltage can occur at the inputs, place a protection resistor of
at least (10 V − 3 V)/5 mA = 1.4 kΩ in series with the inputs.
AD8237
RPROTECT
RPROTECT
V+IN
+
–
V–IN
+
–
+VS
–VS
POSITIVE VOLTAGE PROTECTION:
RPROTECT >
VIN – +VS
5mA
NEGATIVE VOLTAGE PROTECTION:
RPROTECT >
–VS – VIN
5mA
Figure 68. Protection Resistors for Large Input Voltages
FILTERING RADIO FREQUENCY INTERFERENCE
The AD8237 contains an on-chip RFI filter that is sufficient for
a majority of applications. For applications where additional radio
frequency immunity is needed, an external RFI filter can also be
applied as shown in Figure 69.
+IN
+VS
–VS
CC
1nF
5%
CD
10nF
CC
1nF
5%
10µF
10µF
0.1µF
0.1µF
R
10kΩ
1%
R
10kΩ
1%
AD8237
–IN
DIFFERENTIAL FILTER CUTOFF =
1
2 R (2CD + CC)
COMMON-MODE FILTER CUTOFF =
1
2 R CC
Figure 69. Adding Extra RFI Filtering
USING THE REFERENCE PIN
In general, instrumentation amplifier reference pins can be useful
for a few reasons. They provide a means of physically separating the
input and output grounds to reject ground bounce common to the
inputs. They can also be used to precisely level shift the output signal.
In the configuration shown in Figure 65 through Figure 67, the gain
of the reference pin to the output is unity, as is common in a typical
in-amp. Because the reference pin is functionally no different from
the positive input, it can be used with gain, as shown in Figure 70.
This configuration can be very useful in certain cases, such as dc
removal servo loops, which typically use an inverting integrator to
drive REF and compensate for a dc offset. This requires special
attention to the input range (especially at REF) and the output range.
All three input voltages are referred to the one ground shown, which
may need to be a low impedance midsupply.
AD8237
+IN
–IN
REF
FB
VOUT
R2
R1
VOUT = (VREF + V+IN – V–IN) (1 +
R2
R1
)
Figure 70. Applying Gain to the Reference Voltage
Traditional instrumentation amplifier architectures require the
reference pin to be driven with a low impedance source. In these
traditional architectures, impedance at the reference pin degrades
both CMRR and gain accuracy. With the AD8237 architecture,
resistance at the reference pin has no effect on CMRR.
AD8237
+IN
–IN
REF
FB
VOUT
G = 1 +
R2 + RREF
R1
VREF
R1
R2
RREF
Figure 71. Calculating Gain with Reference Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com