Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8237ARMZ-R7
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8237ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 15Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8237
Data Sheet
Rev. 0 | Page 12 of 28
80
70
60
50
40
30
20
10
0
–10
–20
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
LOW BANDWIDTH MODE
VS = 1.8V
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 22. Gain vs. Frequency, Low Bandwidth Mode, VS = 1.8 V
80
70
60
50
40
30
20
10
0
–10
–20
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
HIGH BANDWIDTH MODE
VS = 5V
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 23. Gain vs. Frequency, High Bandwidth Mode, VS = 5 V
80
70
60
50
40
30
20
10
0
–10
–20
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
HIGH BANDWIDTH MODE
VS = 1.8V
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 24. Gain vs. Frequency, High Bandwidth Mode, VS = 1.8 V
5.0
0
10
100
1k
100k
10k
FREQUENCY (Hz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
G = 1
LOW BANDWIDTH MODE
DIFFERENTIAL
INPUT
+IN
–IN
Figure 25. Large Signal Frequency Response, Low Bandwidth Mode, G = 1
5.0
0
10
100
1k
100k
10k
FREQUENCY (Hz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
G = 10
HIGH BANDWIDTH MODE
+IN
–IN
DIFFERENTIAL
INPUT
Figure 26. Large Signal Frequency Response, High Bandwidth Mode, G = 10
6
5
4
3
2
1
0
1
100k
10k
1k
100
10
FREQUENCY (Hz)
VS = ±2.5 V
VS = ±0.9V
Figure 27. Maximum Common-Mode Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com