Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8237ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8237ARMZ-R7
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8237ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8237ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Micropower, Zero Drift, True Rail-to-Rail
Instrumentation Amplifier
Data Sheet
AD8237
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Gain set with 2 external resistors
Can achieve low gain drift at all gains
Ideal for battery powered instruments
Supply current: 115 µA
Rail-to-rail input and output
Zero input crossover distortion
Designed for excellent dc performance
Minimum CMRR: 106 dB
Maximum offset voltage drift: 0.3 µV/°C
Maximum gain error: 0.005% (all gains)
Maximum gain drift: 0.5 ppm/°C (all gains)
Input bias current: 1 nA guaranteed to 125°C
Bandwidth mode pin (BW) to adjust compensation
8 kV HBM ESD rating
RFI filter on-chip
Single-supply operation: 1.8 V to 5.5 V
8-lead MSOP package
APPLICATIONS
Bridge amplification
Pressure measurement
Medical instrumentation
Thermocouple interface
Portable systems
Current measurement
PIN CONFIGURATION
BW
1
+IN
2
–IN
3
–VS 4
VOUT
8
FB
7
REF
6
+VS
5
AD8237
TOP VIEW
(Not to Scale)
+
+
Figure 1.
Table 1. Instrumentation Amplifiers by Category1
General
Purpose
Zero
Drift
Military
Grade
Micropower
Digital
Gain
AD8421
AD8237
AD620
AD8237
AD8250
AD8221/AD8222
AD8231
AD621
AD8420
AD8251
AD8220/AD8224
AD8293
AD524
AD8235/AD8236
AD8253
AD8228
AD8553
AD526
AD627
AD8231
AD8295
AD8556
AD624
AD8226
AD8557
1 See www.analog.com for the latest instrumentation amplifiers.
GENERAL DESCRIPTION
The AD8237 is a micropower, zero drift, rail-to-rail input and
output instrumentation amplifier. The relative match of two
resistors sets any gain from 1 to 1000. The AD8237 has excellent
gain accuracy performance that can be preserved at any gain
with two ratio-matched resistors.
The AD8237 employs the indirect current feedback architecture to
achieve a true rail-to-rail capability. Unlike conventional in-amps,
the AD8237 can fully amplify signals with common-mode voltage
at or even slightly beyond its supplies. This enables applications
with high common-mode voltages to use smaller supplies and
save power.
The AD8237 is an excellent choice for portable systems. With a
minimum supply voltage of 1.8 V, a 115 µA typical supply current,
and wide input range, the AD8237 makes full use of a limited
power budget, yet offers bandwidth and drift performance suitable
for bench-top systems.
The AD8237 is available in an 8-lead MSOP package. Performance
is specified over the full temperature range of −40°C to +125°C.
6
5
4
3
2
1
–1
0
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
TRADITIONAL IN-AMP
(RAIL-TO-RAIL OUT)
AD8237
G = 100
VS = 5V
VREF = 2.5V
Figure 2. Input Common-Mode Voltage vs. Output Voltage, +VS =5 V, G = 100


Similar Part No. - AD8237ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8237ARMZ-R7 AD-AD8237ARMZ-R7 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results

Similar Description - AD8237ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
logo
Texas Instruments
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com