Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCAL9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCAL9554CBS Datasheet HTML 19Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 20Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 21Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 22Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 23Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 24Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 25Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 26Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
23 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
[1]
For IDD, all typical values are at nominal supply voltage (1.8 V, 2.5 V, 3.3 V, 3.6 V or 5 V VDD) and Tamb =25 C. Except for IDD, the
typical values are at VDD = 3.3 V and Tamb =25 C.
[2]
The total current sourced by all I/Os must be limited to 160 mA, and total current sunk by all I/Os must be limited to 200 mA.
[3]
Typical value for Tamb =25 C. VOL = 0.4 V and VDD = 3.3 V. Typical value for VDD <2.5 V, VOL =0.6 V.
IDD
supply current
SDA, P port, A0, A1, A2;
VI on SCL, SDA = VDD or VSS;
VI on P port and A0, A1, A2 = VDD;
IO =0mA;I/O =inputs; fSCL = 400 kHz
VDD = 3.6 V to 5.5 V
-
10
25
A
VDD = 2.3 V to 3.6 V
-
6.5
15
A
VDD = 1.65 V to 2.3 V
-
4
9
A
SCL, SDA, P port, A0, A1, A2;
VI on SCL, SDA = VDD or VSS;
VI on P port and A0, A1, A2 = VDD;
IO =0mA;I/O =inputs; fSCL = 0 kHz
VDD = 3.6 V to 5.5 V
-
1.5
7
A
VDD = 2.3 V to 3.6 V
-
1
3.2
A
VDD = 1.65 V to 2.3 V
-
0.5
1.7
A
Active mode; P port, A0, A1, A2;
VI on P port and A0, A1, A2 = VDD;
IO =0mA;I/O =inputs;
fSCL = 400 kHz, continuous register read
VDD = 3.6 V to 5.5 V
-
60
125
A
VDD = 2.3 V to 3.6 V
-
40
75
A
VDD = 1.65 V to 2.3 V
-
20
45
A
with pull-ups enabled;
P port, A0, A1, A2;
VI on SCL, SDA = VDD or VSS;
VI on P port = VSS;
VI on A0, A1, A2 = VDD or VSS;
IO = 0 mA; I/O = inputs with pull-up enabled;
fSCL =0 kHz
VDD = 1.65 V to 5.5 V
-
0.55
0.75
mA
I
DD
additional quiescent
supply current
SCL, SDA; one input at VDD  0.6 V, other
inputs at VDD or VSS; VDD = 1.65 V to 5.5 V
--25
A
P port, A0, A1; one input at VDD  0.6 V,
other inputs at VDD or VSS;
VDD = 1.65Vto 5.5V
--80
A
Ci
input capacitance
VI =VDD or VSS; VDD = 1.65V to 5.5V
-
6
7
pF
Cio
input/output capacitance
SDA, SCL;
VI/O =VDD or VSS;VDD =1.65Vto5.5V
-
78pF
Pport;
VI/O =VDD or VSS;VDD =1.65Vto5.5V
-7.5
8.5
pF
Rpu(int)
internal pull-up resistance
input/output
50
100
150
k
Rpd(int)
internal pull-down resistance input/output
50
100
150
k
Table 22.
Static characteristics …continued
Tamb = 40 C to +85 C; VDD = 1.65 V to 5.5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com