Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCAL9554CBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCAL9554CBS Datasheet HTML 11Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 12Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 13Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 14Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 15Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 16Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 17Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 18Page - NXP Semiconductors PCAL9554CBS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
15 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
8.
Application design-in information
8.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 12. Since the LED acts as a diode, when the LED is off the
I/O VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes
lower than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 13 shows a high value resistor in parallel with the LED, which is not needed with
the PCAL9554B or PCAL9554C that integrate a weak pull-up resistor on all pins.
Figure 14 shows VDD less than the LED supply voltage by at least 1.2 V. Both of these
methods maintain the I/O VI at or above VDD and prevents additional supply current
consumption when the LED is off.
Device address is 0100 000x for this example using PCAL9554B (address for PCAL9554C is 0111 000x).
P0, P2, P3 configured as outputs.
P1, P4, P5 configured as inputs.
P6, P7 are not used and need 100 k
 pull-up resistors to protect them from floating or the internal pull-up or pull-down
selected.
(1) No resistors are required for inputs (on P port) that may float due to the weak pull-up integrated into the device.
Fig 12. Typical application
PCAL9554B
P0
P1
SCL
SDA
VDD
(3.3 V)
MASTER
CONTROLLER
SCL
SDA
INT
P2
VDD
VDD
VSS
INT
10 kΩ
SUB-SYSTEM 1
(e.g., temp sensor)
P3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
A
B
enable
VSS
002aah211
10 kΩ
10 kΩ
2 kΩ
100 kΩ
(× 3)(1)
P4
P5
A1
A0
SUB-SYSTEM 3
(e.g., alarm system)
ALARM
VDD
P6
P7
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com