Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202MA1BA2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # X0202MA1BA2
Description  1.25 A sensitive gate SCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202MA1BA2 Datasheet(HTML) 2 Page - STMicroelectronics

  X0202MA1BA2 Datasheet HTML 1Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 2Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 3Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 4Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 5Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 6Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 7Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 8Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
X02
2/11
Doc ID 7480 Rev 4
1
Characteristics
Table 2.
Absolute ratings (limiting values, TJ = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (180 °Conduction angle)
TO-92
TL = 63 °C
1.25
A
SOT-223
Ttab = 99 °C
SMBflat-3L Ttab = 111 °C
IT(AV)
Average on-state current (180 °Conduction angle)
TO-92
TL = 63 °C
0.8
A
SOT-223
Ttab = 99 °C
SMBflat-3L Ttab = 111 °C
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25 °C
25
A
tp = 10 ms
22.5
I²tI²t Value for fusing
tp = 10 ms
Tj = 25 °C
2.5
A2s
di/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.2
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Electrical characteristics (TJ = 25 °C unless otherwise specified)
Symbol
Test conditions
X0202
X0205
Unit
IGT
VD = 12 V, RL = 140 Ω
Min.
20
µA
Max.
200
50
VGT
Max.
0.8
V
VGD
VD = VDRM, RL = 3.3 kΩ , RGK = 1 kΩ
Tj = 125 °C
Min.
0.1
V
VRG
IRG = 10 µA
Min.
8
V
IH
IT = 50 mA, RGK = 1 kΩ
Max.
5
mA
IL
IG = 1 mA, RGK = 1 kΩ
Max.
6
mA
dV/dt
VD = 67% VDRM, RGK = 1 kΩ
Tj = 110 °C
Min.
10
15
V/µs
Table 4.
Static electrical characteristics
Symbol
Test conditions
X0202
X0205
Unit
VTM
ITM = 2.5 A, tp = 380 µs
Tj = 25 °C
Max.
1.45
V
VTO
Threshold voltage
Tj = 125 °C
0.9
V
Rd
Dynamic resistance
200
m
Ω
IDRM IRRM
VDRM = VRRM, RGK = 1 kΩ
Tj = 25 °C
5
µA
Tj = 125 °C
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com