Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202MA1BA2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # X0202MA1BA2
Description  1.25 A sensitive gate SCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202MA1BA2 Datasheet(HTML) 5 Page - STMicroelectronics

  X0202MA1BA2 Datasheet HTML 1Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 2Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 3Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 4Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 5Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 6Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 7Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 8Page - STMicroelectronics X0202MA1BA2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
X02
Ordering information scheme
Doc ID 7480 Rev 4
5/11
2
Ordering information scheme
Figure 13.
Ordering information scheme
Figure 11.
On-state characteristics (maximum
values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (SOT-223, SMBflat-3L)
I
(A)
TM
3E+1
1E+1
1E+0
1E-1
2.0
2.5
3.0
3.5
4.0
4.5
1.5
1.0
0.5
Tj=max
T =25°C
j
V
(V)
TM
V =0.9V
R =200m
T max.:
j
t0
d
Ω
R
(°C/W)
th(j-a)
50
60
70
80
90
100
110
120
130
140
150
160
170
0
1234
5
SMBF3L (typical)
SOT-223
(maximum)
S(cm²)
Epoxy printed circuit board FR4,
copper thickness 35 µm
X 02 02 M ZBlank 1BA2
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
02 = 1.25 A
2BL2 = Ammopack
5BA4 = Tape and reel 7” (SOT-223)
Blank = Tape and reel 13” (SMBflat-3L)
02 = 200 µA
05 = 50 µA
M = 600 V
N = 800 V
A = TO-92 (A"Blank")
N = SOT-223 (N"No Blank”)
UF = SMBF3L
1BA2 = Bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com