Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715-RSC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74ACT715-RSC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715-RSC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACT715-RSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 11Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.fairchildsemi.com
8
RS170 Default Register Values
The tables below show the values programmed for the
RS170 Format (using a 14.31818 MHz clock signal) and
how they compare against the actual EIA RS170 Specifica-
tions. The default signals that will be output are CSYNC,
CBLANK, HDRIVE and VDRIVE. The device initially starts
at the beginning of the odd field of interlace. All signals
have active low pulses and the clock is disabled at power
up. Registers 13 and 14 are not involved in the actual sig-
nal information. If the Vertical Interrupt was selected so that
a pulse indicating the active lines would be output.
RS170 Horizontal Data
Reg
D Value H
Register Description
REG0
0
000
Status Register (715)
REG0
1024
400
Status Register (715-R)
REG1
23
017
HFP End Time
REG2
91
05B HSYNC Pulse End Time
REG3
157
09D HBLANK Pulse End Time
REG4
910
38E Total Horizontal Clocks
REG5
7
007
VFP End Time
REG6
13
00D VSYNC Pulse End Time
REG7
41
029
VBLANK Pulse End Time
REG8
525
20D Total Vertical Lines
REG9
57
039
Equalization Pulse End Time
REG10
410
19A Serration Pulse Start Time
REG11
1
001
Pulse Interval Start Time
REG12
19
013
Pulse Interval End Time
REG13
41
029
Vertical Interrupt Activate Time
REG14
526
20E Vertical Interrupt Deactivate Time
REG15
911
38F Horizontal Drive Start Time
REG16
92
05C Horizontal Drive End Time
REG17
1
001
Vertical Drive Start Time
REG18
21
015
Vertical Drive End Time
Rate
Period
Input Clock
14.31818 MHz
69.841 ns
Line Rate
15.73426 kHz
63.556
µs
Field Rate
59.94 Hz
16.683 ms
Frame Rate
29.97 Hz
33.367 ms
Signal
Width
µs
%H
Specification (
µs)
HFP
22 Clocks
1.536
1.5
±0.1
HSYNC Width
68 Clocks
4.749
7.47
4.7
±0.1
HBLANK Width
156 Clocks
10.895
17.15
10.9
±0.2
HDRIVE Width
91 Clocks
6.356
10.00
0.1H
±0.005H
HEQP Width
34 Clocks
2.375
3.74
2.3
±0.1
HSERR Width
68 Clocks
4.749
7.47
4.7
±0.1
HPER iod
910 Clocks
63.556
100
RS170 Vertical Data
VFP
3 Lines
190.67
6 EQP Pulses
VSYNC Width
3 Lines
190.67
6 Serration Pulses
VBLANK Width
20 Lines
1271.12
7.62
0.075V
± 0.005V
VDRIVE Width
11.0 Lines
699.12
4.20
0.04V
± 0.006V
VEQP Intrvl
9 Lines
3.63
9 Lines/Field
VPERiod (field)
262.5 Lines
16.683 ms
16.683 ms/Field
VPERiod (frame)
525 Lines
33.367 ms
33.367 ms/Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com