Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715-RSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT715-RSC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715-RSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT715-RSC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715-RSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 1988
Revised December 1998
© 1999 Fairchild Semiconductor Corporation
DS010137.prf
www.fairchildsemi.com
74ACT715•74ACT715-R
Programmable Video Sync Generator
General Description
The ACT715 and ACT715-R are 20-pin TTL-input compati-
ble devices capable of generating Horizontal, Vertical and
Composite Sync and Blank signals for televisions and
monitors. All pulse widths are completely definable by the
user. The devices are capable of generating signals for
both interlaced and noninterlaced modes of operation.
Equalization and serration pulses can be introduced into
the Composite Sync signal when needed.
Four additional signals can also be made available when
Composite Sync or Blank are used. These signals can be
used to generate horizontal or vertical gating pulses, cursor
position or vertical Interrupt signal.
These devices make no assumptions concerning the sys-
tem architecture. Line rate and field/frame rate are all a
function of the values programmed into the data registers,
the status register, and the input clock frequency.
The ACT715 is mask programmed to default to a Clock
Disable state. Bit 10 of the Status Register, Register 0,
defaults to a logic “0”. This facilitates (re)programming
before operation.
The ACT715-R is the same as the ACT715 in all respects
except that the ACT715-R is mask programmed to default
to a Clock Enabled state. Bit 10 of the Status Register
defaults to a logic “1”. Although completely (re)programma-
ble, the ACT715-R version is better suited for applications
using the default 14.31818 MHz RS-170 register values.
This feature allows power-up directly into operation, follow-
ing a single CLEAR pulse.
Features
s Maximum Input Clock Frequency
> 130 MHz
s Interlaced and non-interlaced formats available
s Separate or composite horizontal and vertical Sync and
Blank signals available
s Complete control of pulse width via register
programming
s All inputs are TTL compatible
s 8 mA drive on all outputs
s Default RS170/NTSC values mask programmed into
registers
s ACT715-R is mask programmed to default to a Clock
Enable state for easier start-up into 14.31818 MHz
RS170 timing
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignment for DIP and SOIC
FACT
™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACT715SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
74ACT715PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT715-RSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
74ACT715-RPC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - 74ACT715-RSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT715-RSC FAIRCHILD-74ACT715-RSC Datasheet
429Kb / 18P
Programmable Video Sync Generator
More results

Similar Description - 74ACT715-RSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
Programmable Video Sync Generator
logo
NXP Semiconductors
SAA1101 PHILIPS-SAA1101 Datasheet
112Kb / 18P
Universal sync generator USG
January 1990
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
Sync Generator for TV Applications and Video Processing Systems
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
Clock Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
Programmable Video Sync Generator
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
Programmable Video Sync Generator
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com