Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715-RPC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74ACT715-RPC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715-RPC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT715-RPC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.fairchildsemi.com
6
Addressing Logic
The register addressing logic is composed of two blocks of
logic. The first is the address register and counter
(ADDRCNTR), and the second is the address decode
(ADDRDEC).
ADDRCNTR LOGIC
Addresses for the data registers can be generated by one
of two methods. Manual addressing requires that each byte
of each register that needs to be loaded needs to be
addressed. To load both bytes of all 19 registers would
require a total of 57 load cycles (19 address and 38 data
cycles). Auto Addressing requires that only the initial regis-
ter value be specified. The Auto Load sequence would
require only 39 load cycles to completely program all regis-
ters (1 address and 38 data cycles). In the auto load
sequence the low order byte of the data register will be
written first followed by the high order byte on the next load
cycle. At the time the High Byte is written the address
counter is incremented by 1. The counter has been imple-
mented to loop on the initial value loaded into the address
register. For example: If a value of 0 was written into the
address register then the counter would count from 0 to 18
before resetting back to 0. If a value of 15 was written into
the address register then the counter would count from 15
to 18 before looping back to 15. If a value greater than or
equal to 18 is placed into the address register the counter
will continuously loop on this value. Auto addressing is initi-
ated on the falling edge of LOAD when ADDRDATA is 0
and LHBYTE is 1. Incrementing and loading of data regis-
ters will not commence until the falling edge of LOAD after
ADDRDATA goes to 1. The next rising edge of LOAD will
load the first byte of data. Auto Incrementing is disabled on
the falling edge of LOAD after ADDRDATA and LHBYTE
goes low.
Manual Addressing Mode
Auto Addressing Mode
Cycle #
Load Falling Edge
Load Rising Edge
1
Enable Manual Addressing
Load Address m
2
Enable Lbyte Data Load
Load Lbyte m
3
Enable Hbyte Data Load
Load Hbyte m
4
Enable Manual Addressing
Load Address n
5
Enable Lbyte Data Load
Load Lbyte n
6
Enable Hbyte Data Load
Load Hbyte n
Cycle #
Load Falling Edge
Load Rising Edge
1
Enable Auto Addressing
Load Start Address n
2
Enable Lbyte Data Load
Load Lbyte (n)
3
Enable Hbyte Data Load
Load Hbyte (n); Inc Counter
4
Enable Lbyte Data Load
Load Lbyte (n
+1)
5
Enable Hbyte Data Load
Load Hbyte (n
+1); Inc Counter
6
Enable Manual Addressing
Load Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com