Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT715-RPC Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # 74ACT715-RPC
Description  Programmable Video Sync Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT715-RPC Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button 74ACT715-RPC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 11Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 12Page - Fairchild Semiconductor 74ACT715-RPC Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature and output/input loading variables. Fairchild does not
recommend operation of FACT
™ circuits outside databook specifications.
DC Electrical Characteristics
For ACT Family Devices over Operating Temperature Range (unless otherwise specified)
Note 2: All outputs loaded; thresholds on input associated with input under test.
Note 3: Test Load 50 pF, 500
Ω to Ground.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC +0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC +0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC +0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC +0.5V
DC Output Source
or Sink Current (I O)
±15 mA
DC VCC or Ground Current
per Output Pin (I CC or IGND)
±20 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
TA = +25°C
Symbol
Parameter
VCC
CL = 50 pF
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
V
4.5
3.86
3.76
V
VIN = VIL/VIH
5.5
4.86
4.76
V
IOH = −8 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
4.5
0.36
0.44
V
VIN = VIL/VIH
5.5
0.36
0.44
V
IOH = +8 mA (Note 2)
IOLD
Minimum Dynamic
5.5
32.0
mA
VOLD = 1.65V
Output Current
IOHD
Minimum Dynamic
5.5
−32.0
mA
VOHD = 3.85V
Output Current
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
ICC
Supply Current
5.5
8.0
80
µAV
IN = VCC, GND
Quiescent
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VIN = VCC − 2.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com