Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1802FX Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1802FX
Description  HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1802FX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1802FX Datasheet HTML 2Page - STMicroelectronics ST1802FX Datasheet HTML 3Page - STMicroelectronics ST1802FX Datasheet HTML 4Page - STMicroelectronics ST1802FX Datasheet HTML 5Page - STMicroelectronics ST1802FX Datasheet HTML 6Page - STMicroelectronics ST1802FX Datasheet HTML 7Page - STMicroelectronics ST1802FX Datasheet HTML 8Page - STMicroelectronics ST1802FX Datasheet HTML 9Page - STMicroelectronics ST1802FX Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4 Package Mechanical Data
ST1802FX
8/10
DIM.
mm.
MIN.
TYP
MAX.
A
5.30
5.70
C
2.80
3.20
D
3.10
3.50
D1
1.80
2.20
E
0.80
1.10
F
0.65
0.95
F2
1.80
2.20
G
10.30
11.50
G1
5.45
H
15.30
15.70
L9
10.20
L2
22.80
23.20
L3
26.30
26.70
L4
43.20
44.40
L5
4.30
4.70
L6
24.30
24.70
L7
14.60
15
N
1.80
2.20
R
3.80
4.20
Dia
3.40
3.80
ISOWATT218FX MECHANICAL DATA
7627132 B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com