Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1802FX Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1802FX
Description  HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1802FX Datasheet(HTML) 3 Page - STMicroelectronics

  ST1802FX Datasheet HTML 1Page - STMicroelectronics ST1802FX Datasheet HTML 2Page - STMicroelectronics ST1802FX Datasheet HTML 3Page - STMicroelectronics ST1802FX Datasheet HTML 4Page - STMicroelectronics ST1802FX Datasheet HTML 5Page - STMicroelectronics ST1802FX Datasheet HTML 6Page - STMicroelectronics ST1802FX Datasheet HTML 7Page - STMicroelectronics ST1802FX Datasheet HTML 8Page - STMicroelectronics ST1802FX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST1802FX
2 Electrical Characteristics
3/10
2
Electrical Characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical Characteristics
1 Pulsed duration = 300
μs, duty cycle 1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 1500V
VCE = 1500V
Tc= 125°C
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7V
1mA
VCEO(sus)
Note 1)
Collector-Emitter Sustaining
Voltage (IB = 0)
IC = 700 mA
L = 25 mH
600
V
VCE(sat)
Note 1
Collector-Emitter Saturation
Voltage
IC = 4 A
IB = 0.8 A
IC = 4 A
IB = 1.2 A
5
1.5
V
V
VBE(sat)
Note 1
Base-Emitter Saturation Voltage IC = 4.5 A
IB = 1 A
1.2
V
hFE
DC Current Gain
IC = 1 A
VCE = 5 V
IC = 5 A
VCE = 1 V
IC = 5 A
VCE = 5 V
4
25
4.5
9
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 4A ___ _ _
fh = 16KHz
IBon(END) = 850mA
VBB(off) = -2.5V
LB = 4.5μH
2.6
0.2
4
0.6
μs
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com