Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9713 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9713
Description  3M™ XYZ-Axis Electrically Conductive Tape 9713
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9713 Datasheet(HTML) 2 Page - 3M Electronics

  9713 Datasheet HTML 1Page - 3M Electronics 9713 Datasheet HTML 2Page - 3M Electronics 9713 Datasheet HTML 3Page - 3M Electronics 9713 Datasheet HTML 4Page - 3M Electronics 9713 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
™ XYZ-Axis Electrically Conductive Tape 9713
(2)
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be
used for specification purposes.
Electrical Properties
Contact Resistance:
Substrate Tested (Foil/Rigid Plate)
Aluminum/
Aluminum/
Copper/
Copper/
Aluminum
Stainless Steel
Stainless Steel
Copper
< 2.5
Ω
< 2.0
Ω
< 1.0
Ω
< 0.5
Ω
Based upon four wire (Kelvin probe) resistance measurements made with crossed pieces of
Foil/3M™ XYZ-Axis Electrically Conductive Tape 9713/Rigid plate construction using a 1.0 in x
1.0 in square piece of 3M tape 9713. The rigid metal surface was prepared with a Scotch-Brite™
pad to roughen the surface and cleaned with isopropyl alcohol.
Outgassing:
Total Mass Loss (TML): 1.60%
(ASTM E-595)
Collected Volatile Condensed Materials (CVCM): 0.03%
Water Vapor Recovered (WVR) 0.36%
Minimum Overlap Length:
1/4 in. (6 mm)
Minimum Overlap Width:
1/8 inch (3 mm)
Adhesion Properties
Adhesion in oz/in (g/cm)
15 min. at
1 hr. at
24 hr. at
1 hr. at
24 hr. at
Substrate
72°F (22°C)
72°F (22°C)
72°F (22°C)
158°F (70°C)
158°F (70°C)
Stainless Steel
> 30 (335)
> 45 (502)
> 50 (558)
> 50 (558)
> 55 (613)
Aluminum
> 20 (223)
> 35 (390)
> 40 (446)
> 40 (446)
> 55 (613)
Copper
> 20 (223)
> 40 (446)
> 45 (502)
> 40 (446)
> 60 (669)
Based upon a 90 degree peel sample, following ASTM D3330 test method. Aluminum foil (2 mil thick) was used as the flexible backing
to the 3M tape 9713. The substrates listed are all rigid metal plates. The 158°F (70°C) aged peel samples are indicative of the typical
long term adhesion build expected at room temperature.
Operative Temperature Range and Shelf Life
Short Term Exposure (minutes, hours)
Long Term (days, weeks)
250°F (121°C)
158°F (70°C)
Shelf Life of Tape in Roll Form:
24 months from date of manufacture when stored in original cartons at 70°F (21°C) and
50% relative humidity.
Available Widths:
Standard Length
Maximum Length*
1/4 inch - 14 inch
36 yd
108 yd
(5 mm - 356 mm)
(32.9 m)
(98.8 m)
Nominal Slitting Tolerance:
1/32 in (0.8 mm)
*Special requirements for long lengths should be discussed with 3M Customer Service personnel.
Available Sizes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com