Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9713 Datasheet(PDF) 3 Page - 3M Electronics

Part # 9713
Description  3M™ XYZ-Axis Electrically Conductive Tape 9713
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9713 Datasheet(HTML) 3 Page - 3M Electronics

  9713 Datasheet HTML 1Page - 3M Electronics 9713 Datasheet HTML 2Page - 3M Electronics 9713 Datasheet HTML 3Page - 3M Electronics 9713 Datasheet HTML 4Page - 3M Electronics 9713 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M
™ XYZ-Axis Electrically Conductive Tape 9713
Application Techniques
• To obtain maximum adhesion, the bonding surfaces must be clean and dry. Isopropyl alcohol is recommended as a
cleaning solvent.*
• Bond strength is dependent upon the amount of adhesive-to-surface contact developed. This wetted area can be increased
by applying 3M™ XYZ-Axis Electrically Conductive Tape 9713 firmly with a roller or finger pressure to exclude air
entrapment. Adhesion is optimized when the substrates are flat or conformable substrates. Adhesion increases after
application, up to 24 hours later, due to increased wetting by the tape.
• Electrical performance is dependent upon the nature of the metal and its surface. Most metal surfaces give enhanced
electrical performance with 3M tape 9713 when the surface has been lightly abraded. Scotch-Brite™ pads are
recommended for preparing the metal surface.
• 3M tape 9713 should be applied between 60°F - 100°F (15°C - 38°C). Tape application below 50°F (10°C) is not
recommended because the adhesive will be too firm to wet the substrates, resulting in low adhesion. Warming the
substrates to 100°F (38°C) facilitates adhesion. Once properly applied, low temperature holding power is generally
satisfactory.
• 3M tape 9713 can be removed by separating the parts using torque for rigid parts or peel for flexible ones. Remove the
adhesive by pulling off as much as possible by hand. Residual adhesive may be removed by rubbing with your finger or
by application of 3M™ Packaging Tape over the residual adhesive followed by removal of the packaging tape. The
surfaces should be cleaned again before applying a new piece of 3M tape 9713. The force required to separate the parts
and/or remove the adhesive can be reduced by softening the adhesive by heating to 158°F -212°F (70°C - 100°C) or using
solvents such as acetone.*
*Note: Carefully read and follow the manufacturer’s precautions and directions for use when handling cleaning solvents.
General Information
3M™ XYZ-Axis Electrically Conductive Tape 9713 provides good adhesion to metal surfaces and provides low electrical
resistance that is stable over time. The pressure sensitive nature and fiber reinforcement of 3M tape 9713 makes this product
convenient to use and 3M tape 9713 also has very good handling properties. 3M tape 9713 also has good liner release.
(3)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com