Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC151 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M54HC151
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC151 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M54HC151 Datasheet HTML 4Page - STMicroelectronics M54HC151 Datasheet HTML 5Page - STMicroelectronics M54HC151 Datasheet HTML 6Page - STMicroelectronics M54HC151 Datasheet HTML 7Page - STMicroelectronics M54HC151 Datasheet HTML 8Page - STMicroelectronics M54HC151 Datasheet HTML 9Page - STMicroelectronics M54HC151 Datasheet HTML 10Page - STMicroelectronics M54HC151 Datasheet HTML 11Page - STMicroelectronics M54HC151 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
M54HC390
Rad-hard dual decade counter
50 krad
(Si)
ESCC
-
9204/078
Flat-16 -
DIL-16
2.0
6.0
0 to
Vcc
-55 °C
to 125 °C
M54HC393
Rad-hard dual binary counter
-
9204/074
Flat-14 -
DIL-14
2.0
6.0
M54HC540
Rad-hard octal bus buffer 3-state
inverter
Y
9401/049
Flat-20 -
DIL-20
2.0
6.0
M54HC541
Rad-hard octal bus buffer 3-state
Y
9401/047
Flat-20 -
DIL-20
2.0
6.0
Non
Inverted
Enables
M54HC573
Rad-hard octal D-Type latch 3-state
Y
9202/072
Flat-20 -
DIL-20
2.0
6.0
Through
Chip Pinout
M54HC574
Rad-hard octal D-Type Flip-Flop 3-
state
Y
9203/054
Flat-20 -
DIL-20
2.0
6.0
Through
Chip Pinout
M54HC590
Rad-hard 8 bit binary counter
register 3-state
Y
9204/071
Flat-16 -
DIL-16
2.0
6.0
M54HC595
Rad-hard 8 bit shift register output
latch 3-state
Y
9306/051
Flat-16 -
DIL-16
2.0
6.0
M54HC597
Rad-hard 8 bit latch/shift register
Y
9306/054
Flat-16 -
DIL-16
2.0
6.0
M54HC688
Rad-hard 8 bit equality comparator
Y
9209/005
Flat-20 -
DIL-20
2.0
6.0
M54HC4002 Rad-hard dual 4-input NOR gate
-
9201/130
Flat-14 -
DIL-14
2.0
6.0
M54HC4020 Rad-hard 14-stage binary counter
-
9204/070
Flat-16 -
DIL-16
2.0
6.0
M54HC4040 Rad-hard 12-stage binary counter
Y
9204/069
Flat-16 -
DIL-16
2.0
6.0
M54HC4049
Rad-hard hex buffer/converter
inverter
Y
9401/037
Flat-16 -
DIL-16
2.0
6.0
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
ESCC
specification
Package
Vcc
Vin
range
Other
features
Temp.
range
Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com