Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC151 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M54HC151
Description  Rad-hard high speed 2 to 6 V CMOS logic series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC151 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M54HC151 Datasheet HTML 8Page - STMicroelectronics M54HC151 Datasheet HTML 9Page - STMicroelectronics M54HC151 Datasheet HTML 10Page - STMicroelectronics M54HC151 Datasheet HTML 11Page - STMicroelectronics M54HC151 Datasheet HTML 12Page - STMicroelectronics M54HC151 Datasheet HTML 13Page - STMicroelectronics M54HC151 Datasheet HTML 14Page - STMicroelectronics M54HC151 Datasheet HTML 15Page - STMicroelectronics M54HC151 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Maximum rating
M54HCxxx - M54HCTxxx
12/29
Doc ID 17367 Rev 2
3.2
Recommended operating conditions
3.2.1
M54HC series
3.2.2
M54HCT series
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
tr,tf
Input rise and fall time (VCC = 4.5 to 5.5V)
0 to 500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com