Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4071BK Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4071BK
Description  Rad-hard high voltage CMOS logic series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4071BK Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4071BK Datasheet HTML 1Page - STMicroelectronics HCC4071BK Datasheet HTML 2Page - STMicroelectronics HCC4071BK Datasheet HTML 3Page - STMicroelectronics HCC4071BK Datasheet HTML 4Page - STMicroelectronics HCC4071BK Datasheet HTML 5Page - STMicroelectronics HCC4071BK Datasheet HTML 6Page - STMicroelectronics HCC4071BK Datasheet HTML 7Page - STMicroelectronics HCC4071BK Datasheet HTML 8Page - STMicroelectronics HCC4071BK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
August 2011
Doc ID 17102 Rev 3
1/24
24
HCC40xxx
HCC45xxx
Rad-hard high voltage CMOS logic series
Features
■ 3 to 20 V max operating voltage
■ Bufferized inputs and outputs
■ Standardized symmetrical outputs
characteristic
■ 50 ns typical propagation delays
■ 100 nA max 25 °C input current
■ 100% tested 20 V quiescent current
■ 5-10-15 V parametric testing
■ Hermetic packages
■ Rad-hard 100 kRad TID at 11rad/sec dose rate
■ SEL-SEU immune to 72 MeV/cm²/mg LET ions
■ ESCC qualified
Description
The HCC40xxx and HCC45xxx series are
composed of over 70 types of high voltage CMOS
functions, offering a set of highly noise tolerant
gates, Flip-Flops, multiplexers, counters, bus
interfaces and several other functions. The
radiation hardness, the single event latch-up
(SEL) and the single event upset (SEU) immunity
and the housing in hermetic packages of all types
of both series make them usable in the most
difficult environmental conditions.
The complete specification of each type is
available from the European Space Components
Coordination web site (ESCC):
https://spacecomponents.org/. ST guarantees full
compliance of qualified parts with these ESCC
detailed specifications.
Flat-14
Flat-16
Flat-24
DIL-14
DIL-16
DIL-24
The upper metallic lid is not electrically connected to any
pins, nor to the IC die inside the package.
www.st.com


Similar Part No. - HCC4071BK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4071BK1 STMICROELECTRONICS-HCC4071BK1 Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4071BKG STMICROELECTRONICS-HCC4071BKG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4071BKT STMICROELECTRONICS-HCC4071BKT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results

Similar Description - HCC4071BK

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com