Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q6012LTH1LEDTP Datasheet(PDF) 1 Page - Littelfuse

Part # Q6012LTH1LEDTP
Description  Q6012LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6012LTH1LEDTP Datasheet(HTML) 1 Page - Littelfuse

  Q6012LTH1LEDTP Datasheet HTML 1Page - Littelfuse Q6012LTH1LEDTP Datasheet HTML 2Page - Littelfuse Q6012LTH1LEDTP Datasheet HTML 3Page - Littelfuse Q6012LTH1LEDTP Datasheet HTML 4Page - Littelfuse Q6012LTH1LEDTP Datasheet HTML 5Page - Littelfuse Q6012LTH1LEDTP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Revised: January 25, 2013 08:34 AM
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
12 Amp Alternistor Quadrac for LED dimmer applications
Q6012LTH1LED Series
Q6012LTH1LED Series
Description
Main Features
Symbol
Value
Unit
I
T(RMS)
12
A
V
DRM / VRRM
600
V
DIAC V
BO
33 to 43
V
Schematic Symbol
Applications
Excellent for AC switching and phase control applications
such as lighting and motor speed controls. Typical
applications are AC solid-state switches, light dimmers
with LED loads, small low current motor in power tools,
and low current motors in home/brown goods appliances.
Internally constructed isolated package is offered for ease
of heat sinking with highest isolation voltage.
Agency Approval
Agency
Agency File Number
®
L Package : E71639
MT2
MT1
T
RoHS
The Quadrac is an internally triggered Triac designed for
AC switching and phase control applications. It is a Triac
and DIAC in a single package, which saves user expense
by eliminating the need for separate Triac and DIAC
components.
Q6012LTH1LED series is designed to meet low load current
characteristics typical in LED lighting applications.
By keeping holding current at 8mA maximum, this Quadrac
series is characterized and specified to perform best with
LED loads. The Q6012LTH1LED series is best suited for
LED dimming controls to obtain the lowest levels of light
output with a minimum probability of flickering.
Q6012LTH1LED series is offered in the industry standard
TO-220AB package with an isolated mounting tab that
makes it best suited for adding an external heat sink.
Features
• As low as 8mA max
holding current
• UL recognized TO-220AB
package
• 110°C rated junction
temperature
• di/dt performance of
70A/μs
• QUADRAC version
includes intergrated DIAC
• Provides full control
of light out put at the
extreme low end of load
conditions.
• 2500V
AC min isolation
between mounting tab
and active terminals
• Improves margin of safe
operation with less heat
sinking required
• Enable survivability
of typically LED load
operating characteristics
• Simplicity of circuit design
& layout
Benefits


Similar Part No. - Q6012LTH1LEDTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6012LH1LED LITTELFUSE-Q6012LH1LED Datasheet
670Kb / 6P
Q6012LH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
logo
Inchange Semiconductor ...
Q6012LH1LED ISC-Q6012LH1LED Datasheet
293Kb / 3P
isc Triacs
logo
Littelfuse
Q6012LH2 LITTELFUSE-Q6012LH2 Datasheet
923Kb / 8P
RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
logo
Teccor Electronics
Q6012LH5 TECCOR-Q6012LH5 Datasheet
536Kb / 7P
Alternistor Triacs?
logo
Littelfuse
Q6012LH5 LITTELFUSE-Q6012LH5 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
More results

Similar Description - Q6012LTH1LEDTP

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MM-1244 JMK-MM-1244 Datasheet
43Kb / 1P
The filter is designed to operate in high current applications of 48 Vdc telecommunication systems.
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
specifically designed for LED lighting and decorative LED lighting applications
logo
Littelfuse
Q6008LH1LED LITTELFUSE-Q6008LH1LED Datasheet
678Kb / 6P
Q6008LH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
Q6008LTH1LED LITTELFUSE-Q6008LTH1LED Datasheet
629Kb / 6P
Q6008LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
Q6012LH1LED LITTELFUSE-Q6012LH1LED Datasheet
670Kb / 6P
Q6012LH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
JMK Inc.
KK-1900-30 JMK-KK-1900-30 Datasheet
47Kb / 1P
This filter is designed to operate in power disdribution units or in systems designed to meet FCC or IEC requirements.
logo
Bothhand USA, LP.
24STS05-LF BOTHHAND-24STS05-LF Datasheet
157Kb / 2P
Designed to meet IEEE802.3u requirement
logo
List of Unclassifed Man...
BA15S ETC2-BA15S Datasheet
423Kb / 1P
Designed as a direct replacement in low voltage landscape lighting applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com