Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2025-330E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2025-330E/P
Description  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP2025-330E/P Datasheet HTML 1Page - Microchip Technology MCP2025-330E/P Datasheet HTML 2Page - Microchip Technology MCP2025-330E/P Datasheet HTML 3Page - Microchip Technology MCP2025-330E/P Datasheet HTML 4Page - Microchip Technology MCP2025-330E/P Datasheet HTML 5Page - Microchip Technology MCP2025-330E/P Datasheet HTML 6Page - Microchip Technology MCP2025-330E/P Datasheet HTML 7Page - Microchip Technology MCP2025-330E/P Datasheet HTML 8Page - Microchip Technology MCP2025-330E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 3
MCP2025
1.0
FUNCTION DESCRIPTION
The MCP2025 provides a physical interface between a
microcontroller and a LIN half-duplex bus. It is intended
for automotive and industrial applications with serial
bus baud rates up to 20 kbaud. This device will
translate the CMOS/TTL logic levels to LIN logic levels,
and vice versa. The device offers optimum EMI and
ESD performance; it can withstand high voltage on the
LIN bus. The device supports two low-power modes to
meet
automotive
industry
power
consumption
requirements. The MCP2025 also provides a +5V or
3.3V 70 mA regulated power output.
1.1
Modes of Operation
The MCP2025 works in five modes: POWER-ON-
RESET mode, POWER-DOWN mode, READY mode,
OPERATION mode, and TRANSMITTER-OFF mode.
For an overview of all operational modes, please refer
to Table 1-1. For the operational mode transition,
please refer to Figure 1-1.
FIGURE 1-1:
STATE DIAGRAM
1.1.1
POWER-ON-RESET MODE
Upon application of VBB, or whenever the voltage on
VBB is below the threshold of regulator turn off voltage
VOFF (typically 4.50V), the device enters POWER-ON-
RESET mode (POR). During this mode, the device
maintains the digital section in a reset mode and waits
until the voltage on pin VBB rises above the threshold
of regulator turn on voltage VON (typically 5.75V) to
enter READY mode. In POWER-ON-RESET mode,
the LIN physical layer and voltage regulator are
disabled, and the RESET pin is switched to ground.
POR
(2)
VREG OFF
RX OFF
TX OFF
READY
VREG ON
RX ON
TX OFF
TX OFF
VREG ON
RX ON
TX OFF
POWER-DOWN
VREG OFF
RX OFF
TX OFF
OPERATION
VREG ON
RX ON
TX ON
VBB>VON
CS/LWAKE=0
&TXD=0
CS/LWAKE=1 &TXD=1
VREG_OK=1
(1)
CS/LWAKE=1&
TXD=1&
No Fault
(3)
CS/LWAKE=0 or
Fault detected
(3)
CS/LWAKE=1 OR
Voltage Rising Edge on LBUS
CS/LWAKE=0
CS=1 &TXD=0&
VREG_OK=1
(1)
Note 1:
VREG_OK : Regulator Output Voltage > 0.8VREG_NOM.
2:
If the voltage on pin VBB falls below VOFF, the device will enter POWER-ON RESET mode from all other
modes, which is not shown in the figure.
3:
Faults include TXD/LBUS permanent dominant, LBUS short to VBB, thermal protection, and VREG_OK
is false.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com