Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2025-330E/P Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2025-330E/P
Description  LIN Transceiver with Voltage Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P Datasheet(HTML) 4 Page - Microchip Technology

  MCP2025-330E/P Datasheet HTML 1Page - Microchip Technology MCP2025-330E/P Datasheet HTML 2Page - Microchip Technology MCP2025-330E/P Datasheet HTML 3Page - Microchip Technology MCP2025-330E/P Datasheet HTML 4Page - Microchip Technology MCP2025-330E/P Datasheet HTML 5Page - Microchip Technology MCP2025-330E/P Datasheet HTML 6Page - Microchip Technology MCP2025-330E/P Datasheet HTML 7Page - Microchip Technology MCP2025-330E/P Datasheet HTML 8Page - Microchip Technology MCP2025-330E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 4
MCP2025
1.1.2
READY MODE
The device enters READY mode from POR mode after
the voltage on VBB rises above the threshold of
regulator turn on voltage VON or from POWER-DOWN
mode when a remote or local wake-up event happens.
Upon entering READY mode, the voltage regulator and
receiver section of the transceiver are powered up. The
transmitter remains in an off state. The device is ready
to receive data but not to transmit. In order to minimize
the power consumption, the regulator operates in a
reduced power mode. It has a lower GBW product and
thus is slower. However, the 70 mA drive capability is
unchanged.
The device stays in READY mode until the output of the
voltage regulator has stabilized and CS/LWAKE pin is
HIGH (‘1’).
1.1.3
OPERATION MODE
If the CS/LWAKE pin changes to high while VREG is OK
(VREG > 0.8*VREG_NOM) and TXD pin is HIGH, the part
enters OPERATION mode from either READY or
TRANSMITTER-OFF mode.
In this mode, all internal modules are operational. The
internal pull-up resistor between LBUS and VBB is con-
nected only in this mode.
The device goes to TRANSMITTER-OFF mode at the
falling edge on the CS/LWAKE pin or when a fault is
detected.
1.1.4
TRANSMITTER OFF MODE
If VREG is OK (VREG > 0.8*VREG_NOM), the TRANSMIT-
TER-OFF mode can be reached by setting CS/LWAKE
to HIGH when TXD pin is LOW from READY mode; or
by pulling down CS/LWAKE to low from OPERATION
mode.
In TRANSMITTER-OFF mode, the receiver is enabled
but the LBUS transmitter is off. It is a lower power mode.
In order to minimize the power consumption, the regu-
lator operates in a reduced power mode. It has a lower
GBW product and thus is slower. However, the 70 mA
drive capability is unchanged.
The transmitter is also turned off whenever the voltage
regulator is unstable or recovering from a fault. This
prevents unwanted disruption on the bus during times
of uncertain operation.
1.1.5
POWER-DOWN MODE
POWER-DOWN mode is entered by pulling down both
the CS/LWAKE pin and TXD to low from TRANSMIT-
TER-OFF mode. In POWER-DOWN mode, the trans-
ceiver and the voltage regulator are both off. Only the
Bus Wake-up section and the CS/LWAKE pin wake-up
circuits are in operation. This is the lowest power mode.
If any bus activity (e.g. a BREAK character) occurs or
CS/LWAKE is set to HIGH during POWER-DOWN
mode, the device will immediately enter READY mode
and enable the voltage regulator. Then, once the regu-
lator output has stabilized (approximately 0.3 ms to
1.2 ms) it can go to either the OPERATION mode or
TRANSMITTER-OFF mode. Refer to Section 1.1.6
“Remote Wake-up”
for more details.
1.1.6
REMOTE WAKE-UP
The remote wake-up sub module observes the LBUS in
order to detect bus activity. In POWER-DOWN mode,
the normal LIN recessive/dominant threshold is
disabled, and the LIN bus Wake-Up Voltage Threshold
VWK(LBUS) is used to detect bus activities. Bus activity
is detected when the voltage on the LBUS falls below
the LIN bus Wake-Up Voltage Threshold VWK(LBUS)
(approximately 3.4V) for at least tBDB (a typical duration
of 80 µs ) followed by a rising edge. Such a condition
causes the device to leave POWER-DOWN mode.
Note:
The TXD pin needs to be set high before
setting the CS/LWAKE pin to low in order
to jump and stay in TRANSMITTER-OFF
mode. If the TXD pin is set or maintained
low before setting the CS/LWAKE pin to
low, the part will transit to TRANSMITTER-
OFF mode and then jump to POWER-
DOWN mode after a deglitch delay of
about 20 µs.
TABLE 1-1:
OVERVIEW OF OPERATIONAL MODES
State
Transmitter
Receiver
Internal
Wake Module
Voltage
Regulator
Operation
Comments
POWER-ON-
RESET
OFF
OFF
OFF
OFF
Transfer to READYmode after VBB > VON
READY
OFF
ON
OFF
ON
If CS/LWAKE is high, then proceed to OPERATION
or TRANSMITTER-OFF mode
Bus Off state
OPERATION
ON
ON
OFF
ON
If CS/LWAKE is low level, then TRANSMITTER-
OFF mode
Normal operation
mode
POWER-DOWN
OFF
OFF
ON
Activity Detect
OFF
On LIN bus rising edge or CS/LWAKE high level, go
to READY mode
Lowest power mode
TRANSMITTER-
OFF
OFF
ON
OFF
ON
If TXD and CS/LWAKE low level, then POWER-
DOWN
If TXD and CS/LWAKE high level, then OPERATION
Bus Off state, lower
power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com