Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7808AF/API Datasheet(PDF) 15 Page - KEC(Korea Electronics)

Part # KIA7808AF/API
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7808AF/API Datasheet(HTML) 15 Page - KEC(Korea Electronics)

Back Button KIA7808AF/API Datasheet HTML 11Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 12Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 13Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 14Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 15Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 16Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 17Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 18Page - KEC(Korea Electronics) KIA7808AF/API Datasheet HTML 19Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
2013. 1. 14
15/20
KIA7805AF/API~KIA7824AF/API
Revision No : 6
KIA78xx
APPLICATION CIRCUIT
VOUT
VIN
*I1
IN
V
B
I
OUT
V
KIA78xx
V
Z
(a) Voltage boost by use of zener diode
(1) VOLTAGE BOOST REGULATOR
*I1 >
=
VOUT (IC)
R1
=
>
*I1
5mA
(b) Voltage boost by use of resistor
(c) Adjustable output regulator
KIA78xx
VOUT
VIN
2
1
-
+
VOUT = VOUT(IC) + VZ
R2
R1
VOUT = VOUT(IC) (1+
) + R2
IB
R2
R1
VOUT = VOUT(IC) (1+
)
KIA4558P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com